Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEE1100-12-054RA Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # PEE1100-12-054RA
Description  Front-End AC-DC Power Supplly
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PEE1100-12-054RA Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button PEE1100-12-054RA Datasheet HTML 4Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 5Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 6Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 7Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 8Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 9Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 10Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 11Page - Bel Fuse Inc. PEE1100-12-054RA Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
PFE1100-12-054xA
tech.support@psbel.com
Figure 17. Load transient V1, 40 to 85A (500μs/div)
CH2: V1 (200mV/div), CH4: I1 (20A/div)
Figure 18. Load transient V1, 85 to 40A (500μs/div)
CH2: V1 (200mV/div), CH4: I1 (20A/div)
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
F
Input Fuses (L+N)
Not user accessible, quick-acting (F)
16
A
V1 OV
OV Threshold
V1
13.3
14.5
VDC
tOV V1
OV Latch Off Time
V1
1
ms
VSB OV
OV Threshold
VSB
115
125
%
VSB
tOV VSB
OV Latch Off Time
VSB
1
ms
IV1 lim
Current Limit
V1
PFE1100-12-054NA
Vi > 115VAC, Ta < 45°C
Vi > 90VAC, Ta < 45°C
93.5
74
100
78
A
Current Limit
V1
PFE1100-12-054RA
Vi > 180VAC, Ta < 45°C
Vi > 90VAC, Ta < 45°C
92
72
100
78
IV1 SC
Max Short Circuit
Current
V1
V1 < 3V
110
A
tV1 SC
Short Circuit
Regulation Time
V1 < 3V, time until IV1 is limited to < IV1 sc
2
ms
tV1 SC off
Short Circuit Latch
Off Time
Time to latch off when in short circuit
200
ms
TSD
Over Temperature on
Heat Sinks
Automatic shut-down
115
°C
6.1 OVERVOLTAGE PROTECTION
The PFE front-ends provide a fixed threshold overvoltage (OV) protection implemented with a HW comparator. Once an OV
condition has been triggered, the supply will shut down and latch the fault condition. The latch can be unlocked by
disconnecting the supply from the AC mains or by toggling the PSON_L input.
6.2 VSB UNDERVOLTAGE DETECTION
Both main and standby outputs are monitored. LED and PWOK_H pin signal if the output voltage exceeds ±5% of its nominal
voltage. Output undervoltage protection is provided on the standby output only. When VSB falls below 75% of its nominal
voltage, the main output V1 is inhibited.
6.3 CURRENT LIMITATION
MAIN OUTPUT
The main output exhibits a substantially rectangular output characteristic controlled by a software feedback loop. If it runs in
current limitation and its voltage drops below ~10.0 VDC for more than 200 ms, the output will latch off (standby remains on).
6


Similar Part No. - PEE1100-12-054RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEE41 ETC2-PEE41 Datasheet
149Kb / 5P
   Custom Linear Power Transformers
logo
NIKO SEMICONDUCTOR CO.,...
PEE50BB NIKOSEM-PEE50BB Datasheet
420Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
REV1.0
logo
List of Unclassifed Man...
PEE66 ETC2-PEE66 Datasheet
149Kb / 5P
   Custom Linear Power Transformers
logo
MERITEK ELECTRONICS COR...
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PEEA10V100M MERITEK-PEEA10V100M Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
More results

Similar Description - PEE1100-12-054RA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
   AC/DC Front End
logo
Murata Power Solutions ...
D1U-H-2800-52-HB1C MURATA-PS-D1U-H-2800-52-HB1C Datasheet
189Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HXXC MURATA-D1U4CS-W-2200-12-HXXC Datasheet
159Kb / 5P
   AC/DC Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com