Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC126-7LIRPCDG Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # PSC126-7LIRPCDG
Description  Positive Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSC126-7LIRPCDG Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button PSC126-7LIRPCDG Datasheet HTML 7Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 8Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 9Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 10Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 11Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 12Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 13Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 14Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev
AC1, 12-Apr-2018
Page 11 of 19
Auxiliary Functions
i Inhibit (Remote On / Off)
The inhibit input allows the switching regulator output to be
disabled via a control signal. In systems with several
converters, this feature can be used, for example, to control
the activation sequence of the converters by a logic signal
(TTL, C-MOS, etc.). An output voltage overshoot will not occur,
when switching on or off.
Note: With open i-input, the output is enabled.
Fig. 7
Typical inhibit current Iinh versus inhibit voltage Vinh
Fig. 8
Definition of Iinh and Vinh
Fig. 6
Overload, short-circuit behaviour Vo versus Io.
Output Protection and Short Circuit Behaviour
A voltage suppressor diode, which in worst case conditions
fails into a short circuit (or a thyristor crowbar, option C),
protects the output against an internally generated over-
voltage. Such an overvoltage could occur due to a failure of
either the control circuit or the switching transistor. The output
1.0
0.8
0.6
0.4
0
0.2
0.4
1.0
1.2
0.2
0.6
0.8
V
o /Vo nom
I
o /Io nom
I
o L
05033a
I
o nom
4
2
0
–40
20
40
0
–20
V
5
3
1
I
inh [mA]
V
inh
Output on
Output off
06034a
Vi+
Gi–
Go–
i
Vo+
I
inh
V
inh
06009a
Table 5: Inhibit characteristics
Characteristics
Conditions
min typ max Unit
Vinh Inhibit input voltage Vo = on Vi min – Vi max
–50
+0.8
V
Vo = off
TC min –TC max
+2.4
+50
t r
Switch-on time
Vi = Vi nom
130
ms
t f
Switch-off time
RL =Vo nom/Ionom
25
I i inh Input current when inhibited Vi = Vi nom
25
mA
protection is not designed to withstand externally applied
overvoltages.
A constant current limitation circuit holds the output current
almost constant, when an overload or a short circuit is applied
to the output. It acts self-protecting and recovers automatically
after removal of the overload or short circuit condition.
Parallel and Series Connection
Outputs of equal nominal voltages can be parallel-connected.
However, the use of a single regulator with higher output power,
is always the better solution.
In parallel-connected operation, one or several outputs may
operate continuously at their current limit knee-point which will
cause an increase of the heat generation. Consequently, the
max. ambient temperature should be reduced by 10 °C.
Outputs can be series-connected with any other regulator. In
series-connection the maximum output current is limited by the
lowest current limitation, but electrically separated source
voltages are needed for each regulator.


Similar Part No. - PSC126-7LIRPCDG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC126-7IR POWER-ONE-PSC126-7IR Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSC126-7IR POWER-ONE-PSC126-7IR Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
More results

Similar Description - PSC126-7LIRPCDG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA POWER-ONE-PSA_1 Datasheet
207Kb / 11P
   Positive Switching Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com