Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC126-7LIRPCDG Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # PSC126-7LIRPCDG
Description  Positive Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PSC126-7LIRPCDG Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button PSC126-7LIRPCDG Datasheet HTML 6Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 7Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 8Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 9Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 10Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 11Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 12Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 13Page - Bel Fuse Inc. PSC126-7LIRPCDG Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PSC, PSL Series Data Sheet
Positive Switching Regulators
MELCHER
The Power Partners.
BCD20027-G Rev AC, 16-Aug-2017
Page 10 of 19
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
50
60
70
80
90
°C
I
o /Io nom
T
A
1.0
forced
cooling
T
A min
T
C max
convection cooling
0.9
05031a
Table 4f: Output data. General conditions as per table 4a
Output
PSC366 / PSL366
PSC486 / PSL486
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
Vo
Output voltage
Vi nom, Io nom
35.78
36.22 47.71
48.29
V
Io
Output current
Vi min – Vi max
0
6.0
0
6.0
A
IoL
Output current limitation
TC min – TC max
6.0
7.8
6.0
7.8
vo
Output
Switching freq.
Vi nom, Io nom
50
90
55
110
mVpp
voltage
Total
IEC/EN 61204
54
94
95
115
noise
BW = 20 MHz
∆V
o V
Static line regulation
Vi min – Vi max, Io nom
200
300
100
200
mV
∆V
o l
Static load regulation
Vi nom, Io = 0 – Io nom
120
200
180
250
vo d
Dynamic
Voltage deviat.
Vi nom
140
150
td
load
Recovery time
Io nom
1/3 I
o nom
100
100
µs
regulation
IEC/EN 61204
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
%/K
∆V
o/∆TC (TC min – TC max)
Io = 0 – Io nom
Fig. 4
Switching regulator with long supply lines.
v
od
v
od
t
d
t
d
V
o ±1 %
V
o ±1 %
t
t
≥ 10 µs
≥ 10 µs
V
o
0
0.5
1
I
o /Io nom
05102c
Thermal Considerations
When a switching regulator is located in free, quasi-stationary
air (convection cooling) at a temperature TA = 71 °C and is
operated at Io nom, the case temperature TC will be about 95 °C
after the warm-up phase, measured at the measuring point of
case temperature TC; see Mechanical Data.
Under practical operating conditions, the ambient temperature
TA may exceed 71 °C, provided that additional measures (heat
sink, fan, etc.) are taken to ensure that the case temperature TC
does not exceed its maximum value of 95 °C.
Example: Sufficient forced cooling allows TA max = 85 °C. A
simple check of the case temperature TC (TC ≤ 95 °C) at full
load ensures correct operation of the system.
Fig. 5a
Output current derating versus temperature (models -2)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
40
60
70
80 [°C]
I
o /Io nom
T
A
0.9
1.0
05032a
T
C max
50
Convection cooling
T
A min
Forced
cooling
Fig. 5b
Output current derating versus temperature (models -7 or - 9)


Similar Part No. - PSC126-7LIRPCDG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC126-7IR POWER-ONE-PSC126-7IR Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSC126-7IR POWER-ONE-PSC126-7IR Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
More results

Similar Description - PSC126-7LIRPCDG

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA POWER-ONE-PSA_1 Datasheet
207Kb / 11P
   Positive Switching Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com