Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDD15-03S4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WDD15-03S4
Description  DC-DC CONVERTER 12 - 15W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WDD15-03S4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WDD15-03S4 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDD15-03S4 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDD15-03S4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-DC CONVERTER
WDD15 SERIES
12 ~ 15W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25℃ Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Temperature coefficient: ....................
* Dimension: ......................................
230KHz
1,500VDC
100M Ω(min.)
-25 to +71℃
-40 to +100℃
100℃
277,400Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
±0.02% / ℃
50.8 x 40.6 x 10.2mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ........
* Input filter: .......................................
* No load input current: ........................
* Max. Input voltage: ...........................
* Startup voltage: .................................
10 ~ 36VDC for 24V
18 ~ 72VDC for 48V
Pi type
15mA for 24V in
10mA for 48V in
40VDC for 24V in
75VDC for 48V in
9.5VDC for 24V in
33VDC for 48V in
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Efficiency: ........................................
* Voltage trim range: ...........................
* Derating: .........................................
* Case material: ..................................
±2% at Vo_nom
No load for single output models
±10% at Vo_nom for dual output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±5% at Vo_nom for dual output models
Up to 84%, see model list
Vout x 10%
See table 1
Metal
CONTROL AND PROTECTION
* Remote on/off: .................................
* Input reversed: .................................
* Output short circuit: ..........................
ON : open or 8 ~ 10VDC
OFF : -0.3 ~ 2VDC
Shunt diode use external fuse
Continuous


Similar Part No. - WDD15-03S4

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD15-03S4

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
Chinfa Electronics Ind....
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15 CHINFA-WDD15_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2 Datasheet
315Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
logo
HY-LINE Power Component...
P15C24S05 HY-LINE-P15C24S05 Datasheet
175Kb / 2P
   15W DC-DC Converter P15C-Series
Rev: 04 / 2005 f
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com