Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAVI-452VH Datasheet(PDF) 1 Page - Mini-Circuits

Part # LAVI-452VH
Description  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LAVI-452VH Datasheet(HTML) 1 Page - Mini-Circuits

  LAVI-452VH Datasheet HTML 1Page - Mini-Circuits LAVI-452VH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 23 (LO Power +23 dBm) 3220 to 4500 MHz
Frequency Mixer
High IP3
Demo Board MCL P/N: TB-433+
Suggested PCB Layout (PL-012)
Maximum Ratings
Pin Connections
LO
10
RF
2
IF
14
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
REV. A
M151107
LAVI-452VH+
ED-14077B/1
DJ/CP/AM
150813
Typical Performance Data
Operating Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
LO Power
+25 dBm
RF Power
+23 dBm
Features
• very high IP3, 33 dBm typ.
• excellent L-R isolation, 45 dB typ.
and L-I isolation, 40 dB typ.
• high 1 dB compression, 20 dBm typ.
• shielded metal cover
• aqueous washable
• protected by US Patent 6,807,407
Applications
• broadband wireless 4G system
• WiMax
• amateur radio
• wireless communications
• fixed microwave
LAVI-452VH+
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
IP3
(dBm)
IF
Freq.
(MHz)
VSWR
IF
(:1)
RF
LO
LO
+23dBm
LO
+23dBm
LO
+23dBm
LO
+23dBm
LO
+23dBm
LO
+23dBm
LO
+23dBm
Outline Dimensions (
)
inch
mm
Outline Drawing
Electrical Schematic
A
B
C
D
E
F
G
H
J
K
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060
12.7 12.7 4.572 2.54 2.032 2.921 1.524 1.016 13.72 1.524
L
M
N
P
Q
R
S
T
wt.
.100 .135 .135 .115 .140 .070 .150 .070
grams
2.54 3.429 3.429 2.921 3.556 1.778 3.81 1.778
1.0
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
Permanent damage may occur if any of these limits are exceeded.
3220
2370
7.73
36.18
37.19
2.45
3.74
33.77
290
1.98
3500
2650
7.49
43.81
45.20
1.84
4.88
32.85
410
1.78
3600
2750
7.42
44.44
41.81
1.66
4.23
33.39
500
1.64
3700
2850
7.40
43.91
39.37
1.48
3.34
34.11
600
1.52
3800
2950
7.45
44.73
37.42
1.36
3.04
34.40
700
1.45
3900
3050
7.55
47.43
36.34
1.30
2.97
35.16
800
1.42
4000
3150
7.59
49.82
35.87
1.25
2.85
34.80
900
1.43
4100
3250
7.69
49.67
35.83
1.19
2.71
33.56
1000
1.45
4150
3300
7.72
50.73
35.81
1.17
2.79
33.73
1100
1.48
4200
3350
7.90
51.77
35.68
1.14
2.74
33.36
1200
1.52
4300
3450
8.08
50.49
36.06
1.15
2.81
33.47
1300
1.57
4350
3500
8.06
47.88
35.81
1.22
2.48
35.11
1350
1.57
4400
3550
8.33
46.93
36.93
1.28
2.52
31.79
1400
1.61
4450
3600
8.31
44.70
37.50
1.38
2.42
31.63
1450
1.60
4500
3650
8.61
43.96
39.58
1.45
2.29
30.67
1500
1.65
Electrical Specifications at 25°C
Parameter
Min.
Typ.
Max.
Unit
Frequency Range, RF
3220
4500
MHz
Frequency Range, LO
2370
3650
MHz
Frequency Range, IF
300
1500
MHz
Conversion Loss
8.6
9.8
dB
LO to RF Isolation
28
36
dB
LO to IF Isolation
25
32
dB
IP3
33
dBm
RF Input Power at 1 dB Compression
+20
dBm
CASE STYLE: CK605
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - LAVI-452VH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LAVI-10VH MINI-LAVI-10VH Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
262Kb / 1P
   FREQUENCY MIXERS
LAVI-17VH MINI-LAVI-17VH Datasheet
277Kb / 3P
   Frequency Mixer
LAVI-17VH++ MINI-LAVI-17VH+ Datasheet
277Kb / 3P
   Frequency Mixer
More results

Similar Description - LAVI-452VH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com