Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP15R12W1T4P_B11 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # FP15R12W1T4P_B11
Description  EasyPIM Modul mit Trench
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP15R12W1T4P_B11 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FP15R12W1T4P_B11 Datasheet HTML 4Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 5Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 6Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 7Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 8Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 9Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 10Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 11Page - Infineon Technologies AG FP15R12W1T4P_B11 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
8
V3.0
2017-05-04
FP15R12W1T4P_B11
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=15A,VCE=600V
RG [
Ω]
0
40
80
120 160 200 240 280 320 360 400
0,0
1,0
2,0
3,0
4,0
5,0
6,0
7,0
8,0
9,0
Eon, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 125°C
Eoff, Tvj = 150°C
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
ZthJH : IGBT
i:
ri[K/W]:
τi[s]:
1
0,1296
0,0006835
2
0,211
0,007886
3
0,4887
0,0475
4
0,8107
0,123
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=39
Ω,Tvj=150°C
VCE [V]
0
200
400
600
800
1000
1200
1400
0
3
6
9
12
15
18
21
24
27
30
33
36
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
0
3
6
9
12
15
18
21
24
27
30
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C


Similar Part No. - FP15R12W1T4P_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R12W1T4P INFINEON-FP15R12W1T4P Datasheet
769Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
More results

Similar Description - FP15R12W1T4P_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP06R12W1T4_B3 INFINEON-FP06R12W1T4_B3 Datasheet
921Kb / 10P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.3
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11_13 Datasheet
844Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP50R06W2E3 INFINEON-FP50R06W2E3_13 Datasheet
1Mb / 12P
   EasyPIM Modul mit Trench
2013-11-04 revision:2.2
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11_13 Datasheet
845Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP15R12W1T4P INFINEON-FP15R12W1T4P Datasheet
769Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP25R12W2T4P INFINEON-FP25R12W2T4P Datasheet
805Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP15R12W2T4 INFINEON-FP15R12W2T4 Datasheet
1Mb / 12P
   EasyPIM Modul mit Trench
2013-11-11 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11_13 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
FP15R12W1T4_B3 INFINEON-FP15R12W1T4_B3_13 Datasheet
914Kb / 10P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.3
FB30R06W1E3 INFINEON-FB30R06W1E3_13 Datasheet
912Kb / 10P
   EasyPIM Modul mit Trench
2013-10-29 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11_13 Datasheet
831Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com