Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSY-A676 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LSY-A676
Description  white SMT package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY-A676 Datasheet(HTML) 3 Page - OSRAM GmbH

  LSY-A676 Datasheet HTML 1Page - OSRAM GmbH LSY-A676 Datasheet HTML 2Page - OSRAM GmbH LSY-A676 Datasheet HTML 3Page - OSRAM GmbH LSY-A676 Datasheet HTML 4Page - OSRAM GmbH LSY-A676 Datasheet HTML 5Page - OSRAM GmbH LSY-A676 Datasheet HTML 6Page - OSRAM GmbH LSY-A676 Datasheet HTML 7Page - OSRAM GmbH LSY-A676 Datasheet HTML 8Page - OSRAM GmbH LSY-A676 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LSY A676
2006-10-04
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
super red
yellow
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
30
mA
Stoßstrom
Surge current
t
10 µs, D = 0.005, T
A=25°C
I
FM
1
0.2
A
Sperrspannung
3)
Seite 16
Reverse voltage
3)
page 16
(
T
A=25°C)
V
R
12
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
80
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
3)
Seite 15
Junction/ambient
3)
page 15
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
530
300
K/W
K/W


Similar Part No. - LSY-A676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSY-T670 OSRAM-LSY-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LSY-T676 OSRAM-LSY-T676 Datasheet
398Kb / 17P
   white P-LCC-4 package, colorless clear resin
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
   white P-LCC-4 package, colorless clear resin
More results

Similar Description - LSY-A676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
   white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
   white SMT package
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
   white SMT package
LYG6SP-CBEB-36-3B5A OSRAM-LYG6SP-CBEB-36-3B5A Datasheet
619Kb / 21P
   white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
   white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
   white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
   white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com