Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-3386 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LS-3386
Description  colored, diffused 3 mm (T1) package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-3386 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LS-3386 Datasheet HTML 3Page - OSRAM GmbH LS-3386 Datasheet HTML 4Page - OSRAM GmbH LS-3386 Datasheet HTML 5Page - OSRAM GmbH LS-3386 Datasheet HTML 6Page - OSRAM GmbH LS-3386 Datasheet HTML 7Page - OSRAM GmbH LS-3386 Datasheet HTML 8Page - OSRAM GmbH LS-3386 Datasheet HTML 9Page - OSRAM GmbH LS-3386 Datasheet HTML 10Page - OSRAM GmbH LS-3386 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LS 3386
2010-01-19
7
Durchlassstrom
2) Seite 12
Forward Current
2) page 12
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 8) Seite 12
Relative Luminous Intensity
2) 8) page 12
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 12
Relative Luminous Intensity
2) page 12
I
V/IV(25 °C) = f (Tj); IF = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
10
10
10
0
-2
10-1
mA
1
10
I
F
2
I
V (20 mA)
I
100
V
101
OHL02348
T
OHL00989
0
V (25 ˚C)
I
-20
0
20
40
60
˚C 100
j
0.4
0.8
1.2
1.6
2.0
I
V
super-red


Similar Part No. - LS-3386

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
   colorless, micro diffused 3 mm (T1) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
   colored, diffused 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
   colored, diffused 3 mm (T1) package
More results

Similar Description - LS-3386

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
   colored, diffused 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
   colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
   colored, diffused 3 mm (T1) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
   colored, diffused 3 mm (T1) package
LS3366 OSRAM-LS3366 Datasheet
324Kb / 12P
   colored, diffused 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
   colorless, micro diffused 3 mm (T1) package
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
   colorless, micro diffused 3 mm (T1) package
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com