Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2615-SP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2615-SP
Description  Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2615-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2615-SP Datasheet HTML 6Page - Texas Instruments LMX2615-SP Datasheet HTML 7Page - Texas Instruments LMX2615-SP Datasheet HTML 8Page - Texas Instruments LMX2615-SP Datasheet HTML 9Page - Texas Instruments LMX2615-SP Datasheet HTML 10Page - Texas Instruments LMX2615-SP Datasheet HTML 11Page - Texas Instruments LMX2615-SP Datasheet HTML 12Page - Texas Instruments LMX2615-SP Datasheet HTML 13Page - Texas Instruments LMX2615-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
tCES
tCS
R/W
A6
A5
tCWH
tCWL
A0
MSB
SDI
CSB
tCE
tEWH
SCK
RB15
RB14
RB0
LSB
MUXout
tCES
tCS
R/W
SDK
A5
tCH
tCWH
tCWL
A0
D15
D14
D0
MSB
LSB
tCE
tEWH
SDI
CSB
10
LMX2615-SP
SNAS739A – JUNE 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: LMX2615-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Timing Requirements (continued)
(3.2 V
≤ VCC ≤ 3.45 V, –55°C ≤ TA ≤ +125°C, except as specified. Nominal values are at VCC = 3.3 V, TA = 25°C)
MIN
NOM
MAX
UNIT
DIGITAL INTERFACE READBACK SPECIFICATIONS
fSPIReadb
ack
SPI readback speed
See Figure 2
2
MHz
tCE
Clock to enable low time
50
ns
tCS
Clock to data wait time
50
ns
tCWH
Clock pulse width high
200
ns
tCWL
Clock pulse width low
200
ns
tCES
Enable to clock setup time
50
ns
tEWH
Enable pulse width high
100
ns
Figure 1. Serial Data Input Timing Diagram
There are several other considerations for writing on the SPI:
The R/W bit must be set to 0.
The data on SDI pin is clocked into a shift register on each rising edge on the SCK pin.
The CSB must be held low for data to be clocked. Device will ignore clock pulses if CSB is held high.
The CSB transition from high to low must occur when SCK is low.
When SCK and SDI lines are shared between devices, TI recommends hold the CSB line high on the device
that is not to be clocked.
Figure 2. Serial Data Readback Timing Diagram
There are several other considerations for SPI readback:
The R/W bit must be set to 1.
The MUXout pin will always be low for the address portion of the transaction.
The data on MUXout is clocked out on the rising edge of SCK.
The data portion of the transition on the SDI line is always ignored.


Similar Part No. - LMX2615-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2615-SP TI1-LMX2615-SP Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
More results

Similar Description - LMX2615-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com