Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8194K Datasheet(PDF) 5 Page - NEC

Part # UPC8194K
Description  RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8194K Datasheet(HTML) 5 Page - NEC

  UPC8194K Datasheet HTML 1Page - NEC UPC8194K Datasheet HTML 2Page - NEC UPC8194K Datasheet HTML 3Page - NEC UPC8194K Datasheet HTML 4Page - NEC UPC8194K Datasheet HTML 5Page - NEC UPC8194K Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Applied
Pin
Functions and Applications
Internal Equivalent Circuits
Pin
Pin
Voltage
Voltage
No.
Name
(V)
(V)
15
VCC
2.7 to 3.3
-
Supply voltage pin of AGC amplifier and
(AGC,
internal regulator.
REG.)
16
IF_IN
-
2.75
IF signal input pin.
This pin is input of AGC amplifier.
Balance input between 16, 17 pin.
Input frequency is 190 MHz.
17
IF_INb
-
2.75
IF signal input pin.
In the case of signal local input, this pin
must be decoupled with capacitor.
20
VPS
High:
-
Power saving pin.
2.2 to VCC
This pin modulator can control
Active/Sleep state with bias as follows.
Low:
0 to 0.5
PIN FUNCTIONS (Pin Voltage is measured at VCC = 3.0 V)
VPS (V)
State
0 to 0.5
Sleep Mode
2.2 to 3
Active Mode
UPC8194K
VCC
GND
1.2 k
1.2 k
16
17
1.1 k
VCC
GND
100 k
100 k
20
MEASUREMENT CIRCUIT (Units in mm)
AGC1 AGC2 AGC3
PC8194K
µ
LO Buffer
18 pF
330 pF
IF in
VPS
Vcont
LOin
100 pF
I
IX
Q
QX
100
pF
100 nH
7 pF
68 nH
330 pF
1.2 kΩ
VCC
2.2 nF
2.2 nF
REG. and
Gain Control
1/4 freq.
+ Phase
Shifter
3.3 kΩ
3.3 kΩ
3.3 kΩ
3.3 kΩ
1 F
µ
1 F
µ
1 F
µ
1 F
µ
TOKO
Balun transformer
616DB-1078
Remark
: AC connector
: DC terminal
: Feed through capacitor


Similar Part No. - UPC8194K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
168Kb / 7P
   TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
Renesas Technology Corp
UPC8194K RENESAS-UPC8194K Datasheet
309Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC8194K-E1 RENESAS-UPC8194K-E1 Datasheet
309Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
logo
California Eastern Labs
UPC8194K-E1-A CEL-UPC8194K-E1-A Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
More results

Similar Description - UPC8194K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
UPC8191K CEL-UPC8191K Datasheet
168Kb / 7P
   TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
logo
RF Micro Devices
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
   W-CDMA RECEIVE AGC AND DEMODULATOR
logo
Fujitsu Component Limit...
FAR-F6KA-2G1400-D4CG FUJITSU-FAR-F6KA-2G1400-D4CG Datasheet
216Kb / 5P
   W-CDMA I (2G) Rx
logo
RF Micro Devices
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
   W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com