Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1061 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UJA1061
Description  Low speed CAN/LIN system basis chip
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1061 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UJA1061 Datasheet HTML 6Page - NXP Semiconductors UJA1061 Datasheet HTML 7Page - NXP Semiconductors UJA1061 Datasheet HTML 8Page - NXP Semiconductors UJA1061 Datasheet HTML 9Page - NXP Semiconductors UJA1061 Datasheet HTML 10Page - NXP Semiconductors UJA1061 Datasheet HTML 11Page - NXP Semiconductors UJA1061 Datasheet HTML 12Page - NXP Semiconductors UJA1061 Datasheet HTML 13Page - NXP Semiconductors UJA1061 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
2004 Mar 22
10
Philips Semiconductors
Objective specification
Low speed CAN/LIN system basis chip
UJA1061
Being in Normal mode, Start-up mode will be entered if:
• A wrong mode register code access occurs
• On too-late or too-early watchdog triggering
• After an ignored interrupt (same as an ignored interrupt
in Standby mode)
• Flash mode entry sequence is written to the mode
register
• During a pending wake-up when the microcontroller did
request a mode change to Sleep mode.
Being in Flash mode, Start-up mode will be entered if:
• A wrong mode register code access occurs
• On a watchdog trigger overflow (too late)
• After an ignored interrupt (same as an ignored interrupt
in Standby mode).
When entering Start-up mode, the reset source
information is provided by the UJA1061 in order to support
different software initialization cycles that depend on the
reset event.
6.2.3
RESTART MODE
The intention of the Restart mode is to give the application
a second opportunity to start-up, if the first start-up has
failed due to a certain failure. Restart mode will be entered
out of the start-up as shown in the state diagram (see
Fig.3). The events are as follows:
• A watchdog initialization failure occurs (wrong mode
register code or start-up time-out
• An SPI failure (SPI count other than 16) occurs
• A falling edge on pin RSTN occurs during the
initialization phase in Start-up mode
• A falling edge on pin RSTN occurs during start-up.
Entering Restart mode will always lengthen the reset pulse
to the long period in order to guarantee a proper reset
length independent from history.
If one of these failures still occurs after entering this mode;
pin RSTN stays LOW or if the UJA1061 detects an
undervoltage on V1 after an already released pin RSTN,
Fail Safe mode will be entered. If the failure has been
removed during Restart mode and the watchdog
initialization has been successful, the selected operating
mode will be entered. The only correct watchdog
initialization out of Restart mode is the SPI access of the
Mode register, whereby the init Normal mode has been
selected.
6.2.4
NORMAL MODE
The Normal mode is entered after the following events
(see Fig.3):
• Watchdog initialization has been executed successfully
after an init Normal mode access of the mode register
out of Start-up or Restart mode
• Out of Standby mode via an SPI command.
In this mode the UJA1061 allows access to all system
resources such as CAN, LIN, INH and EN and therefore
requires accurate watchdog triggering using the Window
mode with programmable windows. Upon any false
watchdog trigger, a system reset is performed.
Interrupts to the host microcontroller initiated by the
UJA1061 are also observed. A system reset is performed
if the host microcontroller does not react within 256 ms.
Entering Normal mode does not activate the CAN physical
layer automatically. A certain bit (CAN mode) is used to
activate the CAN medium if desired, enabling local cyclic
wake-up scenarios to be implemented without affecting
the CAN physical layer.
6.2.5
STANDBY MODE
Standby mode sets the system into a state with reduced
current consumption. Entering Standby mode will
automatically clear the CAN mode bit, thus allowing the
CAN physical layer to enter the Low-power mode
autonomously. However, the watchdog still monitors the
microcontroller (Time-out mode) since it is powered via
pin V1.
In case the host microcontroller can provide a Low-power
mode with reduced current consumption in its standby or
stop mode, the watchdog can be switched-off entirely
within Standby mode of the UJA1061. The UJA1061
monitors the microcontroller supply current to make sure
that there is no unobserved phase with disabled watchdog
and running microcontroller. The watchdog will keep active
until the supply current drops below a certain limit. Below
this current limit the watchdog is disabled. If the current
increases again, e.g. caused by a microcontroller wake-up
from application-specific hardware, the watchdog starts
operation again with the previously-used time-out period.
A system reset can be performed if programmed
accordingly, in this case Start-up mode is entered.


Similar Part No. - UJA1061

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061TW NXP-UJA1061TW Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061TW NXP-UJA1061TW Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
More results

Similar Description - UJA1061

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
   Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com