Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UC2842A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. UC2842A
Description  Current Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UC2842A Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Error Amp Configuration
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
Under-Voltage Lockout
During UVLO, the Output is low.
Current Sense Circuit
A small RC filter may be required to suppress switch transients.
Peak Current (IS) is Determined By The Formula
ISMAX
1.0V
RS
Error Amp can Source and Sink up to 0.5mA, and Sink up to 2mA.
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV9605CHigh Voltage Current Mode PWM Controller 1 2 3 4 5 Supertex, Inc
UC1848Average Current Mode PWM Controller 1 2 3 4 5 MoreTexas Instruments
CS51021Enhanced Current Mode PWM Controller 1 2 3 4 5 MoreCherry Semiconductor Corporation
DBL3842CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreDaewoo Semiconductor
SG1844CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreMicrosemi Corporation
NCP1212Current Mode PWM Controller for Both Forward and Flyback Converters 1 2 3 4 5 MoreON Semiconductor
LM5021AC-DC Current Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)
ISL8843Industry Standard Single-Ended Current Mode PWM Controller 1 2 3 4 5 MoreIntersil Corporation
TC170CMOS Current Mode PWM Controller 1 2 3 4 5 MoreMicrochip Technology
SG1846CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn