Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5150AM1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5150AM1
Description  ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5150AM1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP5150AM1 Datasheet HTML 7Page - Texas Instruments TVP5150AM1 Datasheet HTML 8Page - Texas Instruments TVP5150AM1 Datasheet HTML 9Page - Texas Instruments TVP5150AM1 Datasheet HTML 10Page - Texas Instruments TVP5150AM1 Datasheet HTML 11Page - Texas Instruments TVP5150AM1 Datasheet HTML 12Page - Texas Instruments TVP5150AM1 Datasheet HTML 13Page - Texas Instruments TVP5150AM1 Datasheet HTML 14Page - Texas Instruments TVP5150AM1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
1−5
1.7
Terminal Assignments
TQFP PACKAGE
(TOP VIEW)
31 30 29 28 27
24
23
22
21
20
19
18
17
32
26 25
VSYNC/PALI
FID/GLCO
SDA
SCL
DVDD
DGND
YOUT0
YOUT1
AIP1A
AIP1B
PLL_AGND
PLL_AVDD
XTAL1/OSC
XTAL2
AGND
RESETB
1
2
3
4
5
6
7
8
10 11 12 13 14
915 16
A
B
C
D
E
F
G
1
23
4
5
6
7
ZQC PACKAGE
(BOTTOM VIEW)
1.8
Terminal Functions
Table 1−1. Terminal Functions
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PBS
ZQC
I/O
DESCRIPTION
Analog Section
AGND
7
E1
I
Substrate. Connect to analog ground.
AIP1A
1
A1
I
Analog input. Connect to the video analog input via 0.1-
µF capacitor. The maximum input range
is 0−0.75 VPP, and may require an attenuator to reduce the input amplitude to the desired level.
If not used, connect to AGND via 0.1-
µF capacitor. Refer to Figure 5−1.
AIP1B
2
B1
I
Analog input. Connect to the video analog input via 0.1-
µF capacitor. The maximum input range
is 0−0.75 VPP, and may require an attenuator to reduce the input amplitude to the desired level.
If not used, connect to AGND via 0.1-
µF capacitor. Refer to Figure 5−1.
CH_AGND
31
A3
I
Analog ground
CH_AVDD
32
A2
I
Analog supply. Connect to 1.8-V analog supply.
NC
B2, B3, B6, C4,
C5, D3−D6,
E2−E5, F2, F5,
F6
No connect
PLL_AGND
3
C2
I
PLL ground. Connect to analog ground.
PLL_AVDD
4
C1
I
PLL supply. Connect to 1.8-V analog supply.


Similar Part No. - TVP5150AM1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI1-TVP5150AM1-EP Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBS TI1-TVP5150AM1IPBS Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
TVP5150AM1IPBS TI1-TVP5150AM1IPBS Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results

Similar Description - TVP5150AM1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
TVP5150APBS TI1-TVP5150APBS Datasheet
450Kb / 74P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM video Decoder With Robust Syne Detector
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
Texas Instruments
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com