Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5521 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices ADL5521 Datasheet HTML 12Page - Analog Devices ADL5521 Datasheet HTML 13Page - Analog Devices ADL5521 Datasheet HTML 14Page - Analog Devices ADL5521 Datasheet HTML 15Page - Analog Devices ADL5521 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5521
Data Sheet
Rev. C | Page 12 of 24
1950 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
20
15
–35
–25
–30
–20
–15
–10
–5
0
5
10
1800
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 33. Typical S-Parameters, Log Magnitude
16
0
2
4
6
8
12
14
10
32
16
18
20
22
24
26
28
30
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 34. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1800
2000
1980
1960
1940
1920
1900
1880
1860
1840
1820
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 35. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1800 1820 1840 1960 1980 1900 1920 1940 1960
2000
1980
FREQUENCY (MHz)
Figure 36. Noise Figure vs. Frequency at 25°C, Multiple Devices
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
32
30
28
26
24
22
20
18
16
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
–40°C
–40°C
+85°C
+85°C
+25°C
–40°C
+85°C
+25°C
+25°C
OIP3
GAIN
P1dB
Figure 37. Gain, OIP3, and P1dB vs. Temperature
32
31
18
19
20
21
22
23
24
25
26
27
28
29
20
–8
–6
–4
–2
0
2
4
6
8
10
12
14
18
16
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 38. OIP3 vs. Output Power (POUT) and Temperature


Similar Part No. - ADL5521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521 Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5521 AD-ADL5521 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
496Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
More results

Similar Description - ADL5521

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com