Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6900APT Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF6900APT
Description  SINGLE-CHIP RF TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6900APT Datasheet(HTML) 5 Page - Texas Instruments

  TRF6900APT Datasheet HTML 1Page - Texas Instruments TRF6900APT Datasheet HTML 2Page - Texas Instruments TRF6900APT Datasheet HTML 3Page - Texas Instruments TRF6900APT Datasheet HTML 4Page - Texas Instruments TRF6900APT Datasheet HTML 5Page - Texas Instruments TRF6900APT Datasheet HTML 6Page - Texas Instruments TRF6900APT Datasheet HTML 7Page - Texas Instruments TRF6900APT Datasheet HTML 8Page - Texas Instruments TRF6900APT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TRF6900A
SINGLE-CHIP RF TRANSCEIVER
SLAS258D – SEPTEMBER 2000 – REVISED SEPTEMBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DDS_VCC
18
Direct digital synthesizer supply voltage
DEM_GND
38
Quadrature demodulator ground
DEM_TANK
34, 35
I/O
Quadrature demodulator tank connection
DEM_VCC
36
Quadrature demodulator supply voltage
DIG_GND
21
Digital ground
DIG_VCC
20
Digital supply voltage
IF_GND
40
Intermediate frequency (IF) section ground
IF1_IN
42
I
Single-ended input for the 1st intermediate frequency (IF) amplifier
IF1_OUT
41
O
Single-ended output for the 1st intermediate frequency (IF) amplifier
IF2_IN
39
I
Single-ended input for the 2nd IF amplifier/limiter
LNA_GND
1, 3
Low-noise amplifier ground
LNA_IN
2
I
Low-noise amplifier input
LNA_OUT
47
O
Low-noise amplifier output, open collector
LNA_VCC
48
Low-noise amplifier supply voltage
LOCKDET
11
O
PLL lock detect output, active high. PLL locked when LOCKDET = 1.
MIX_GND
43
Mixer ground
MIX_IN
46
I
Single-ended RF mixer input
MIX_OUT
44
O
Single-ended RF mixer output
MIX_VCC
45
Mixer supply voltage
MODE
17
I
Mode select input. The functionality of the device in Mode0 or Mode1 can be programmed via the A-, B-, C-,
and D-word of the serial control interface.
GND
22
Ground
PA_GND
6
Power amplifier ground
PA_OUT
5
O
Power amplifier output, open collector
PA_VCC
4
Power amplifier supply voltage
PD_OUT1
10
O
Charge pump output – PLL in locked condition
PD_OUT2
9
O
Charge pump output – PLL in unlocked condition
PD_SET
8
Charge pump current setting terminal. An external resistor (RPD) is connected to this terminal to set the
nominal charge pump current.
PLL_GND
7
PLL ground
PLL_VCC
12
PLL supply voltage
RSSI_OUT
33
O
Receive strength signal indicator, analog output
S&H_CAP
29
I/O
Connection for sample and hold capacitor for the data slicer. This capacitor determines the integration time
constant of the integrator while in the learning mode.
STDBY
16
I
Standby control for the TRF6900A, active low. While STDBY = 0, the contents of the control registers are still
valid and can be programmed via the serial control interface.
STROBE
25
I
Serial interface strobe signal
TX_DATA
19
I
Digital modulation buffered input for FSK/FM modulation of the carrier, active high
VCO_TANK1
13
I
VCO tank circuit connection. Should be left open if an external VCO is used.
VCO_TANK2
14
I
VCO tank circuit connection. May also be used to input an external VCO signal.
VREF
37
I
Reference voltage for the quadrature demodulator
XOSC1
23
O
Reference crystal oscillator connection
XOSC2
24
I
Reference crystal oscillator connection. May be used as a single-ended clock input if an external crystal
is not used.


Similar Part No. - TRF6900APT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900APTRG4 TI1-TRF6900APTRG4 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
More results

Similar Description - TRF6900APT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
   Single chip 433MHz RF Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com