Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC1021 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments TPIC1021 Datasheet HTML 12Page - Texas Instruments TPIC1021 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
ELECTRICAL CHARACTERISTICS (continued)
V
SUP = 7 V to 27 V, TA = -40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Pull-down resistor
125
350
800
k
IIL
Low-level input current
EN = 0 V
-5
0
5
µA
INH PIN
Vo
DC output voltage
Transient voltage
-0.3
VSUP+0.3
V
IO
Ouptut current
-50
2
mA
Ron
On state resistance
Between VSUP and INH, INH = 2 mA
25
40
100
drive, Normal or Standby Mode
IIKG
Leakage current
Low Power mode, 0 < INH < VSUP
-5
0
5
µA
NWake PIN
VIL
Low-level input voltage (4)
-0.3
VSUP-3.3
V
VIH
High-level input voltage(4)
VSUP-1
VSUP+0.3
V
Pull-up current
NWake = 0 V
-40
-10
-4
µA
IIKG
Leakage current
VSUP = NWake
-5
0
5
µA
THERMAL SHUTDOWN
Shutdown junction thermal tempera-
185
°C
ture
AC CHARACTERISTICS
D1
Duty cycle 1(5)(6)
THREC(max) = 0.744×VSUP,
0.396
THDOM(max) = 0.581×VSUP, VSUP =
7.0 V to 18 V, tBIT = 50 µs (20 kbps),
See Figure 4
D2
Duty cycle 2(5)(6)
THREC(max) = 0.284×VSUP,
0.581
THDOM(max) = 0.422×VSUP, VSUP =
7.6 V to 18 V, tBIT = 50 µs (20 kbps),
See Figure 4
D3
Duty cycle 3(5)(6)
THREC(max) = 0.778×VSUP,
0.417
THDOM(max) = 0.616×VSUP, VSUP =
7.0 V to 18 V, tBIT = 96 µs (10.4
kbps), See Figure 4
D4
Duty cycle 4(5)(6)
THREC(max) = 0.251×VSUP,
0.590
THDOM(max) = 0.389×VSUP, VSUP =
7.6 V to 18 V, tBIT = 96 µs (10.4
kbps), See Figure 4
trx_pdr
Receiver rising propagation delay
RL = 2.4 kΩ, CL = 20 pF, See
6
µs
time
Figure 4
trx_pdf
Receiver falling propagation delay
RL = 2.4 kΩ, CL = 20 pF, See
6
µs
time
Figure 4
trx_sym
Symmetry of receiver propagation
wrt falling edge, See Figure 4
-2
2
µs
delay time (rising edge)
tNWake
NWake filter time for local wake-up
See Figure 4
25
50
100
µs
tLINBUS
LIN wake-up filter time (dominant
See Figure 4
25
50
100
µs
time for wake-up via LIN bus)
tDST
Dominant state timeout
See Figure 4
4
9
14
ms
(4)
All voltages are defined with respect to ground; positive currents flow into the TPIC1021 device.
(5)
Duty cycle = tBUS_rec(min)/ (2×tBIT)
(6)
Duty Cycles: LIN Driver bus load conditions (CLINBUS, RLINBUS): Load1 = 1 nF, 1 k
Ω; Load2 = 6.8 nF, 660 Ω; Load3 = 10 nF, 500 Ω.
Duty Cycles 3 and 4 are defined for 10.4 kbps operation. The TPIC1021 also meets these lower speed requirements, while it is capable
of of the higher speed 20.0 kbps operation as specified by Duty Cycles 1 and 2. SAEJ2602 derives propagation delay equations from
the LIN 2.0 duty cycle definitions, for details please refer to the SAEJ2602 specification.
9


Similar Part No. - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021AQDRQ1 TI1-TPIC1021AQDRQ1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DG4 TI1-TPIC1021DG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DR TI1-TPIC1021DR Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results

Similar Description - TPIC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com