Electronic Components Datasheet Search |
|
FARM1HS2 Datasheet(PDF) 3 Page - Vicor Corporation |
|
FARM1HS2 Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 11 page FARM™ Rev 6.9 vicorpower.com Page 3 of 11 06/2017 800 927.9474 FARMxxxx Electrical Characteristics (Cont.) GENERAL SPECIFICATIONS Parameter Min Typ Max Unit Notes MTBF >1,000,000 Hours 25˚C, Ground Benign, MIL-HDBK-217F Baseplate material Aluminum Cover Ends: Zenite® 6130 Center section: Kapton insulated aluminum Pin Material Style 1 & 2 Copper, Tin / Lead plated Styles S & N (ModuMate compatible) Copper, Nickel / Gold plated Styles F & G (RoHS compliant) Copper, Nickel / Gold plated Weight 3.1 Ounces (88) (grams) Size 2.28 x 2.2 x 0.5 Inches (57,9 x 55,9 x 12,7) (mm) SAFETY SPECIFICATIONS (FARM1xxx, FARM2xxx) Parameter Min Typ Max Unit Notes Isolation voltage (IN to OUT) None Isolation provided by DC-DC converter(s) Dielectric withstand 2,121 VDC Baseplate earthed (I/O to baseplate) Leakage current 1.5 mA 264 VAC AGENCY APPROVALS Safety Standards Agency Markings Notes FARM1 xxx UL60950, EN60950, CSA 60950 cTÜVus Baseplate earthed, fast acting line fuse, Bussman ABC10 or Wickman 10A 194 series CE Marked Low voltage directive FARM2 xxx UL60950, EN60950, CSA 60950 cTÜVus Baseplate earthed, fast acting line fuse, Bussman ABC15 or Wickman 16A 194 Series CE Marked Low voltage directive Parameter Standard Notes Transient / surge immunity EN61000-4-5 2kV–50µs Line or neutral to earth 1kV–50µs Line to neutral Line disturbance / immunity EN61000-4-11 Interruptions and brownouts Flicker / inrush EN61000-3-3 ELECTROMAGNETIC COMPATIBILITY |
Similar Part No. - FARM1HS2 |
|
Similar Description - FARM1HS2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |