Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRTB-G6TG Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LRTB-G6TG
Description  white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6TG Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LRTB-G6TG Datasheet HTML 6Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 7Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 8Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 9Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 10Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 11Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 12Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 13Page - OSRAM GmbH LRTB-G6TG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LRTB G6TG
2007-10-10
10
Dominante Wellenlänge
6) Seite 22
Dominant Wavelength
6) page 22
blue
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
6) Seite 22
Dominant Wavelength
6) page 22
true green
,
λ
dom = f (IF); TA = 25 °C
I
OHL02481
464
dom
λ
0mA
nm
F
20
40
60
100
10
30
50
70 80
466
468
470
472
474
476
478
I
OHL02527
505
dom
λ
0
mA
nm
20
40
60
80
120
510
515
520
525
530
535
545
F
true green


Similar Part No. - LRTB-G6TG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-G6SF OSRAM-LRTB-G6SF Datasheet
642Kb / 23P
   white P-LCC-6 package with diffused silicone resin
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
   white P-LCC-6 package, diffused silicone resin
More results

Similar Description - LRTB-G6TG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBG6TG OSRAM-LRTBG6TG Datasheet
802Kb / 22P
   white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GFTG OSRAM-LRTB-GFTG Datasheet
975Kb / 25P
   white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTBGFTG OSRAM-LRTBGFTG Datasheet
975Kb / 25P
   white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
LRTB-GFUG OSRAM-LRTB-GFUG Datasheet
626Kb / 28P
   black P-LCC-6 package for higher contrast (RGB-Displays) and diffused silicone resin
LATB-T66B OSRAM-LATB-T66B Datasheet
553Kb / 20P
   white P-LCC-4 package; higher contrast by a black surface (RGB-Displays) and diffused resin
LHGB-T686 OSRAM-LHGB-T686 Datasheet
655Kb / 19P
   white P-LCC-4 package, higher contrast by a black surface (RGB-Displays)
LRT-GFTM OSRAM-LRT-GFTM Datasheet
403Kb / 24P
   white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
LRTB-GVTG OSRAM-LRTB-GVTG Datasheet
1Mb / 27P
   white PLCC-6 package, diffused silicone resin, higher contrast by a black surface
LRTB-R98G OSRAM-LRTB-R98G Datasheet
1Mb / 25P
   black SMT package, higher contrast by a black surface (RGB-Displays) and diffused resin
LHGBT686 OSRAM-LHGBT686 Datasheet
655Kb / 19P
   white P-LCC-4 package, higher contrast by a black surface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com