Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6219ACA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6219ACA
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6219ACA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6219ACA Datasheet HTML 2Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 3Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 4Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 5Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 6Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 7Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 8Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 9Page - Renesas Technology Corp ISL6219ACA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL6219A
FN9093 Rev.1.00
Page 6 of 16
Mar 20, 2007
Operation
Multi-Phase Power Conversion
Multi-phase power conversion provides the most cost-effective
power solution when load currents are no longer easily
supported by single-phase converters. Although its greater
complexity presents additional technical challenges, the multi-
phase approach offers cost-saving advantages with improved
response time, superior ripple cancellation, and excellent
thermal distribution.
INTERLEAVING
The switching of each channel in a multi-phase converter is
timed to be symmetrically out of phase with each of the other
channels. In a 3-phase converter, each channel switches 1/3
cycle after the previous channel and 1/3 cycle before the
following channel. As a result, the three-phase converter has a
combined ripple frequency three times greater than the ripple
frequency of any one phase. In addition, the peak-to-peak
amplitude of the combined inductor currents is reduced in
proportion to the number of phases (Equations 1 and 2).
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Figure 2 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3),
combine to form the AC ripple current and the DC load current.
The ripple component has three times the ripple frequency of
each individual channel current. Each PWM pulse is terminated
1/3 of a cycle after the PWM pulse of the previous phase. The
peak-to-peak current waveforms for each phase is about 7A,
and the dc components of the inductor currents combine to feed
the load.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine the equation representing an
individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output voltages
respectively, L is the single-channel inductor value, and fS is
the switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each of
the individual channels. Compare Equation 1 to the expression
for the peak-to-peak current after the summation of N
symmetrically phase-shifted inductor currents in Equation 2.
Peak-to-peak ripple current decreases by an amount
proportional to the number of channels. Output voltage ripple is
a function of capacitance, capacitor equivalent series
resistance (ESR), and inductor ripple current. Reducing the
inductor ripple current allows the designer to use fewer or less
costly output capacitors.
Another benefit of interleaving is to reduce input ripple current.
Input capacitance is determined in part by the maximum input
ripple current. Multi-phase topologies can improve overall
system cost and size by lowering input ripple current and
allowing the designer to reduce the cost of input capacitance.
The example in Figure 3 illustrates input currents from a three-
phase converter combining to reduce the total input ripple
current.
FIGURE 2. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1
s/div
PWM2, 5V/DIV
PWM1, 5V/DIV
IL2, 7A/DIV
IL1, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL3, 7A/DIV
PWM3, 5V/DIV
ILPP
VIN VOUT
 V
OUT
LfS VIN
------------------------------------------------------
=
(EQ. 1)
IPP
VIN NVOUT
 V
OUT
LfS VIN
------------------------------------------------------------
=
(EQ. 2)
FIGURE 3. CHANNEL INPUT CURRENTS AND INPUT-
CAPACITOR RMS CURRENT FOR 3-PHASE
Channel 1
input current
10A/DIV
Channel 2
input current
10A/DIV
Channel 3
input current
10A/DIV
Input-capacitor current, 10A/DIV
1
s/div


Similar Part No. - ISL6219ACA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219ACA-T INTERSIL-ISL6219ACA-T Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219ACAZ INTERSIL-ISL6219ACAZ Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219ACA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219A INTERSIL-ISL6219A_07 Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com