Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6018BCBZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6018BCBZ
Description  Advanced PWM and Dual Linear Power Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6018BCBZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6018BCBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 13Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 14Page - Renesas Technology Corp HIP6018BCBZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HIP6018B
FN4586 Rev 3.00
Page 11 of 15
April 1, 2005
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
gain and the output filter, with a double pole break frequency at
FLC and a zero at FESR. The DC gain of the modulator is
simply the input voltage, VIN, divided by the peak-to-peak
oscillator voltage,
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier internal
to the HIP6018B and the impedance networks ZIN and ZFB. The
goal of the compensation network is to provide a closed loop
transfer function with an acceptable 0dB crossing frequency
(f0dB) and adequate phase margin. Phase margin is the
difference between the closed loop phase at f0dB and 180
degrees
 The equations below relate the compensation network’s
poles, zeros and gain to the components (R1, R2, R3, C1, C2,
and C3) in Figure 11. Use these guidelines for locating the poles
and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC)
3. Place 2ND Zero at Filter’s Double Pole
4. Place 1ST Pole at the ESR Zero
5. Place 2ND Pole at Half the Switching Frequency
6. Check Gain against Error Amplifier’s Open-Loop Gain
7. Estimate Phase Margin - Repeat if Necessary
Compensation Break Frequency Equations
Figure 12 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual modulator gain has a peak due to
the high Q factor of the output filter at FLC, which is not shown in
Figure 12. Using the above guidelines should yield a
compensation gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 with the capabilities of the error
amplifier. The closed loop gain is constructed on the log-log
graph of Figure 12 by adding the modulator gain (in dB) to the
compensation gain (in dB). This is equivalent to multiplying the
modulator transfer function to the compensation transfer
function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth loop. A stable
control loop has a 0dB gain crossing with -20dB/decade slope
and a phase margin greater than 45 degrees. Include worst
case component variations when determining phase margin.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general the output capacitors should be
selected to meet the dynamic regulation requirements.
Additionally, the PWM converters require an output capacitor
to filter the current ripple. The linear regulator is internally
compensated and requires an output capacitor that meets the
stability requirements. The load transient for the
microprocessor core requires high quality capacitors to supply
the high slew rate (di/dt) current demands.
PWM Output Capacitors
FIGURE 11. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6018B
ZIN
COMP
DRIVER
DETAILED FEEDBACK COMPENSATION
PHASE
VE/A
+
-
+
-
ZIN
FLC
1
2
LO CO
----------------------------------------
=
FESR
1
2
 ESR CO
-----------------------------------------
=
FZ1
1
2
 R
 2C1
-----------------------------------
=
FZ2
1
2
R1 R3
+
 C3
-------------------------------------------------------
=
FP1
1
2
 R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2
1
2
 R
 3C3
-----------------------------------
=
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
20LOG
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/VOSC)
MODULATOR
GAIN
(R2/R1)
FIGURE 12. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP
GAIN


Similar Part No. - HIP6018BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018BCBZ INTERSIL-HIP6018BCBZ Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6018BCBZ INTERSIL-HIP6018BCBZ Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
More results

Similar Description - HIP6018BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com