Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-N971 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LG-N971
Description  SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-N971 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LG-N971 Datasheet HTML 5Page - OSRAM GmbH LG-N971 Datasheet HTML 6Page - OSRAM GmbH LG-N971 Datasheet HTML 7Page - OSRAM GmbH LG-N971 Datasheet HTML 8Page - OSRAM GmbH LG-N971 Datasheet HTML 9Page - OSRAM GmbH LG-N971 Datasheet HTML 10Page - OSRAM GmbH LG-N971 Datasheet HTML 11Page - OSRAM GmbH LG-N971 Datasheet HTML 12Page - OSRAM GmbH LG-N971 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Discontinued
LG N971
2014-06-04
9
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
F
0
0
OHL00637
T
I
mA
˚C
20
40
60
80
100
5
10
15
20
25
30
40
35
temp. ambient
A
T
temp. solder point
T
S
A
T
T
S
green
yellow


Similar Part No. - LG-N971

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-008-9UG-A01 LIGITEK-LG-008-9UG-A01 Datasheet
322Kb / 12P
   LED SMD
LG-008DBK-CT LIGITEK-LG-008DBK-CT Datasheet
209Kb / 11P
   LED SMD
LG-008DBK-CT-L1-A01 LIGITEK-LG-008DBK-CT-L1-A01 Datasheet
347Kb / 12P
   LED SMD
LG-008DGM-A01 LIGITEK-LG-008DGM-A01 Datasheet
300Kb / 12P
   LED SMD
LG-008DGM-A02 LIGITEK-LG-008DGM-A02 Datasheet
336Kb / 12P
   LED SMD
More results

Similar Description - LG-N971

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LHN974 OSRAM-LHN974 Datasheet
472Kb / 19P
   SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LH-N974 OSRAM-LH-N974 Datasheet
472Kb / 19P
   SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LY-N971 OSRAM-LY-N971 Datasheet
202Kb / 20P
   SMT package 1206, colorless diffused resin, 3.2 mm x 1.6 mm x 1.1 mm
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LH-Q974 OSRAM-LH-Q974 Datasheet
204Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.6 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com