Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-M670 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LG-M670
Description  white SMT package, colorless clear resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-M670 Datasheet(HTML) 3 Page - OSRAM GmbH

  LG-M670 Datasheet HTML 1Page - OSRAM GmbH LG-M670 Datasheet HTML 2Page - OSRAM GmbH LG-M670 Datasheet HTML 3Page - OSRAM GmbH LG-M670 Datasheet HTML 4Page - OSRAM GmbH LG-M670 Datasheet HTML 5Page - OSRAM GmbH LG-M670 Datasheet HTML 6Page - OSRAM GmbH LG-M670 Datasheet HTML 7Page - OSRAM GmbH LG-M670 Datasheet HTML 8Page - OSRAM GmbH LG-M670 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Version 1.1 (Replacement in due course)
LG M670
2013-12-05
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
Top
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
100
°C
Forward current
Durchlassstrom
(TS = 25 °C)
IF
30
mA
Surge current
Stoßstrom
(t <= 10 μs; D = 0.005; TS = 25 °C)
IFM
500
mA
Reverse voltage 2)page 18
Sperrspannung 2) Seite 18
(TS = 25 °C)
VR
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
VESD
up to 2
kV


Similar Part No. - LG-M670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-M670 OSRAM-LG-M670 Datasheet
373Kb / 15P
   white SMT package, colorless clear resin
More results

Similar Description - LG-M670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
LS-P47F OSRAM-LS-P47F Datasheet
522Kb / 21P
   white SMT package, colorless clear resin
LT-Y8SG OSRAM-LT-Y8SG Datasheet
536Kb / 21P
   white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
   white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com