Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-A67K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LG-A67K
Description  white SMT package, colorless clear resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-A67K Datasheet(HTML) 4 Page - OSRAM GmbH

  LG-A67K Datasheet HTML 1Page - OSRAM GmbH LG-A67K Datasheet HTML 2Page - OSRAM GmbH LG-A67K Datasheet HTML 3Page - OSRAM GmbH LG-A67K Datasheet HTML 4Page - OSRAM GmbH LG-A67K Datasheet HTML 5Page - OSRAM GmbH LG-A67K Datasheet HTML 6Page - OSRAM GmbH LG-A67K Datasheet HTML 7Page - OSRAM GmbH LG-A67K Datasheet HTML 8Page - OSRAM GmbH LG-A67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2013-10-02
4
Version 1.2
LG A67K
Characteristics (TS = 25 °C; IF = 2 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
572
nm
Dominant Wavelength 2)page 18
Dominantwellenlänge 2) Seite 18
(min.)
(typ.)
(max.)
λdom
λdom
λdom
566
570
575
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
22
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 18
Durchlassspannung 3)Seite 18
(min.)
(typ.)
(max.)
VF
VF
VF
1.70
1.80
2.20
V
V
V
Reverse current
Sperrstrom
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.11
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.1
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.30
mV/K
Real thermal resistance junction / ambient
4) page 18 , 5) page 18
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 18 , 5) Seite 18
(max.)
Rth JA real
480
K/W
Real thermal resistance junction / solder point
5) page 18
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 18
(max.)
Rth JS real
250
K/W


Similar Part No. - LG-A67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
   SIDELED
More results

Similar Description - LG-A67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
LS-P47F OSRAM-LS-P47F Datasheet
522Kb / 21P
   white SMT package, colorless clear resin
LT-Y8SG OSRAM-LT-Y8SG Datasheet
536Kb / 21P
   white SMT package, colorless clear resin
LG-M670 OSRAM-LG-M670 Datasheet
478Kb / 19P
   white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
   white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com