Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1000C22K3L Datasheet(PDF) 1 Page - International Rectifier

Part # ST1000C22K3L
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1000C22K3L Datasheet(HTML) 1 Page - International Rectifier

  ST1000C22K3L Datasheet HTML 1Page - International Rectifier ST1000C22K3L Datasheet HTML 2Page - International Rectifier ST1000C22K3L Datasheet HTML 3Page - International Rectifier ST1000C22K3L Datasheet HTML 4Page - International Rectifier ST1000C22K3L Datasheet HTML 5Page - International Rectifier ST1000C22K3L Datasheet HTML 6Page - International Rectifier ST1000C22K3L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1473A
PHASE CONTROL THYRISTORS
Bulletin I25202 rev. A 01/00
1
ST1000C..K SERIES
Hockey Puk Version
www.irf.com
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case A-24 (K-PUK)
High profile hockey-puk
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
Major Ratings and Characteristics
Parameters
ST1000C..K
Units
I
T(AV)
1473
A
@ T
hs
55
°C
IT(RMS)
2913
A
@ T
hs
25
°C
I
TSM
@ 50Hz
20.0
KA
@ 60Hz
21.2
KA
I
2t
@ 50Hz
2000
KA
2s
@ 60Hz
1865
KA
2s
I
2√t
20000
KA
2√s
V
DRM
/V
RRM
range
1200 to 2600
V
tq
typical
300
µs
T
J
range
- 40 to 125
°C
case style A-24 (K-PUK)


Similar Part No. - ST1000C22K3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1000C22K3L VISHAY-ST1000C22K3L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C22K3L VISHAY-ST1000C22K3L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

Similar Description - ST1000C22K3L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com