Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMV20000 Datasheet(PDF) 11 Page - ams AG

Part # CMV20000
Description  20 Megapixel global shutter CMOS image sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV20000 Datasheet(HTML) 11 Page - ams AG

Back Button CMV20000 Datasheet HTML 7Page - ams AG CMV20000 Datasheet HTML 8Page - ams AG CMV20000 Datasheet HTML 9Page - ams AG CMV20000 Datasheet HTML 10Page - ams AG CMV20000 Datasheet HTML 11Page - ams AG CMV20000 Datasheet HTML 12Page - ams AG CMV20000 Datasheet HTML 13Page - ams AG CMV20000 Datasheet HTML 14Page - ams AG CMV20000 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Reference:CMV20000-datasheet-v2.3
CMV20000 Datasheet
Page 10 of 47
© 2015 CMOSIS bvba
3.4 ELECTRICAL IO SPECIFICATIONS
3.4.1 DIGITAL IO CMOS/TTL DC SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VIH
High level input
voltage
2.0
VDD33
V
VIL
Low level input
voltage
GND
0.8
V
VOH
High level
output voltage
VDD=3.3V
IOH=-2mA
2.4
V
VOL
Low level output
voltage
VDD=3.3V
IOL=2mA
0.4
V
3.4.2 LVDS RECEIVER SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VID
Differential
input voltage
Steady state
100
350
600
mV
VIC
Receiver
input range
Steady state
0.0
2.4
V
IID
Receiver
input current
VINP|INN=1.2V±50mV,
0≤ VINP|INN≤2.4V
20
µA
∆IID
Receiver
input current
difference
|IINP – IINN|
6
µA
3.4.3 LVDS DRIVER SPECIFICATIONS
Parameter
Description
Conditions
min
typ
max
Units
VOD
Differential
output voltage
Steady State, RL
= 100Ω
247
350
454
mV
∆VOD
Difference in
VOD between
complementary
output states
Steady State, RL
= 100Ω
50
mV
VOC
Common mode
voltage
Steady State, RL
= 100Ω
1.125
1.25
1.375
V
∆VOC
Difference in
VOC between
complementary
output states
Steady State, RL
= 100Ω
50
mV
IOS,GND
Output short
circuit current
to ground
VOUTP=VOUTN=GND
24
mA
IOS,PN
Output short
circuit current
VOUTP=VOUTN
12
mA
3.5 INPUT CLOCK
The high speed LVDS input clock (LVDS_CLK_N/P) defines the output data rate of the CMV20000. The master clock
(CLK_IN) must be 12 times slower and this clock but is optional. The maximum data rate of the output is 480Mbps
which results in a LVDS_CLK_N/P of 480MHz (and a CLK_IN of 40MHz). The minimum frequencies are 10MHz for
CLK_IN and 120MHz for LVDS_CLK_N/P. Any frequency between the minimum and maximum can be applied by the
user and will result in a corresponding output data rate.


Similar Part No. - CMV20000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
   2.2 Megapixel machine vision CMOS image sensor
More results

Similar Description - CMV20000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com