Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMV20000 Datasheet(PDF) 9 Page - ams AG

Part # CMV20000
Description  20 Megapixel global shutter CMOS image sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV20000 Datasheet(HTML) 9 Page - ams AG

Back Button CMV20000 Datasheet HTML 5Page - ams AG CMV20000 Datasheet HTML 6Page - ams AG CMV20000 Datasheet HTML 7Page - ams AG CMV20000 Datasheet HTML 8Page - ams AG CMV20000 Datasheet HTML 9Page - ams AG CMV20000 Datasheet HTML 10Page - ams AG CMV20000 Datasheet HTML 11Page - ams AG CMV20000 Datasheet HTML 12Page - ams AG CMV20000 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Reference:CMV20000-datasheet-v2.3
CMV20000 Datasheet
Page 8 of 47
© 2015 CMOSIS bvba
2.1 PIXEL ARRAY
The CMV20000 sensor has 5120*3840 active pixels with a 6.4um pitch surrounded by two dummy rows and columns.
These dummy pixels at the side will ensure that the optical performance, of the active pixels at the edges, is the same
as the one in the active array. These dummy pixels cannot be read out and will be set permanent into reset. The pixels
are designed to achieve maximum sensitivity with low noise and low PLS specifications. Micro lenses are placed on top
of the pixels for improved fill factor and quantum efficiency.
2.2 ANALOG FRONT-END ELECTRONICS (AFE)
The analog front end consists of 2 major parts, a column amplifier block and a column ADC block.
The column amplifier prepares the pixel signal for the column ADC and applies analog gain if desired (programmable
using the SPI interface). The column ADC converts the analog pixel value to a 12 bit value and can apply a gain. A
digital offset can also be applied to the output of the column ADC’s. All gain and offset settings can be programmed
using the SPI interface.
2.3 LVDS BLOCK
The LVDS block converts the digital data coming from the column ADC into standard serial LVDS data running at
maximum 480Mbps. The sensor has 18 LVDS output pairs:
16 data channels
1 control channel
1 clock channel
The 16 data channels are used to transfer 12-bit data words from sensor to receiver. The output clock channel
transports a DDR clock, synchronous to the data on the other LVDS channels. This clock can be used at the receiving
end to sample the data. The data on the control channel contains status information on the validity of the data on the
data channels, among other useful sensor status information. Details on the LVDS timing and format can be found in
section 4 of this document.
2.4 SEQUENCER
The on-chip sequencer will generate all required control signals to operate the sensor from only a few external control
clocks. This sequencer can be activated and programmed through the SPI interface. A detailed description of the SPI
registers and sensor (sequencer) programming can be found in section 5 of this document.
2.5 SPI
The SPI interface is used to load the sequencer registers with data. The data in these registers is used by the
sequencer while driving and reading out the image sensor. Features like windowing, sub sampling, gain and offset are
programmed using this interface. The data in the on-chip registers can also be read back for test and debug of the
surrounding system. Section 5 contains more details on register programming and SPI timing.
2.6 TEMPERATURE SENSOR
A 16-bit digital temperature sensor is included in the image sensor and can be controlled by the SPI-interface. The on-
chip temperature can be obtained by reading out a dedicated SPI register (address 101-102).
A calibration of the temperature sensor is needed by the surrounding system (for absolute temperature
measurements).


Similar Part No. - CMV20000

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
   2.2 Megapixel machine vision CMOS image sensor
More results

Similar Description - CMV20000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com