Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1240IPHP Datasheet(PDF) 8 Page - Texas Instruments

Part # THS1240IPHP
Description  12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1240IPHP Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS1240IPHP Datasheet HTML 4Page - Texas Instruments THS1240IPHP Datasheet HTML 5Page - Texas Instruments THS1240IPHP Datasheet HTML 6Page - Texas Instruments THS1240IPHP Datasheet HTML 7Page - Texas Instruments THS1240IPHP Datasheet HTML 8Page - Texas Instruments THS1240IPHP Datasheet HTML 9Page - Texas Instruments THS1240IPHP Datasheet HTML 10Page - Texas Instruments THS1240IPHP Datasheet HTML 11Page - Texas Instruments THS1240IPHP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
THS1240
12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS279D – JUNE 2000 – REVISED JANUARY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the THS1240 references
The option of internal or external reference is provided by allowing for an external connection of the internal
reference to the reference inputs. This type of reference selection offers the lowest noise possible by not relying
on any active switch to make the selection. Compensating each reference output with a 1-
µF and 0.01-µF chip
capacitor is required as shown in Figure 6. The differential analog input range is equal to 2 (VREFOUT+
VREFOUT–). When using external references, it is best to decouple the reference inputs with a 0.1-µF and
0.01-
µF chip capacitor as shown in Figure 7.
0.01
µF
1
µF
0.01
µF
1
µF
VREFIN+
VREFOUT+
VREFIN–
VREFOUT–
Figure 6. Internal Reference Usage
Figure 7. External Reference Usage
0.01
µF
0.1
µF
0.01
µF
0.1
µF
External Reference +
VREFIN+
VREFIN–
External Reference –
using the THS1240 clock input
The THS1240 clock input can be driven with either a differential clock signal or a single ended clock input with
little or no difference in performance between the single-ended and differential-input configurations. The
common mode of the clock inputs is set internally to VDD/2 using 5-kΩ resistors (Figure 4).
The THS1240 clock input requires a common mode voltage or dc component of VDD/2. It is possible for the
common mode voltage of the clock source to differ from VDD/2 by as much as 10% with little or no performance
degradation. The clock input should be either a sinewave or a square wave having a 50% duty cycle.
When driven with a single-ended CMOS clock input, it is best to connect the CLK– input to ground with a 0.01
µF
capacitor (see Figure 8).
CLK+
THS1240
CLK–
Square Wave or Sine Wave
2 V p-p to 5 V p-p
Common Mode Voltage = VDD/2
0.01
µF
Figure 8. Driving the Clock From a Single-Ended Clock Source


Similar Part No. - THS1240IPHP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THS124 TOSHIBA-THS124 Datasheet
120Kb / 2P
   HIGH STABILITY MOTOR CONTROL. DIGITAL TACHOMETER. CRANK SHAFT POSITION SENSOR.
More results

Similar Description - THS1240IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com