Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEKT5400S-ASZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEKT5400S-ASZ
Description  Silicon NPN Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEKT5400S-ASZ Datasheet(HTML) 2 Page - Vishay Siliconix

  TEKT5400S-ASZ Datasheet HTML 1Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 2Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 3Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 4Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 5Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 6Page - Vishay Siliconix TEKT5400S-ASZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TEKT5400S
Vishay Semiconductors
www.vishay.com
2 (7)
Rev. 1, 24–May–02
Document Number 81569
Basic Characteristics
Tamb = 25°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector Emitter Voltage
IC = 1 mA
VCEO
70
V
Emitter Collector Voltage
IE = 100 µA
VECO
7
V
Collector Dark Current
VCE = 20 V, E = 0
ICEO
1
100
nA
Collector Emitter Capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
6
pF
Collector Light Current
ECE = 5 V, Ee = 1 mW/cm2,
λp = 950 nm
Ica
2
4
mA
Angle of Half Sensitivity
ϕ
±37
deg
Wavelength of Peak Sensitivity
λp
920
nm
Range of Spectral Bandwidth
λ0.5
850...980
nm
Collector Emitter Saturation
Voltage
Ee = 1 mW/cm2,
λ = 950 nm, IC = 0.1 mA
VCEsat
0.3
V
Turn–On Time
VS = 5 V, IC = 5 mA,
RL = 100 Ω
ton
6
µs
Turn–Off Time
VS = 5 V, IC = 5 mA,
RL = 100 Ω
toff
5
µs
Cut–Off Frequency
VS = 5 V, IC = 5 mA,
RL = 100 Ω
fc
110
kHz


Similar Part No. - TEKT5400S-ASZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
581Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 08-Sep-08
TEKT5400S VISHAY-TEKT5400S Datasheet
155Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.6, 23-Aug-11
TEKT5400S VISHAY-TEKT5400S Datasheet
153Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2022
TEKT5400S VISHAY-TEKT5400S Datasheet
153Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2023
TEKT5400S VISHAY-TEKT5400S_08 Datasheet
581Kb / 6P
   Silicon NPN Phototransistor, RoHS Compliant
Rev. 1.5, 08-Sep-08
More results

Similar Description - TEKT5400S-ASZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com