Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TEKT5400S Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. TEKT5400S
Description  Silicon NPN Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEKT5400S Datasheet(HTML) 2 Page - Vishay Siliconix

  TEKT5400S Datasheet HTML 1Page - Vishay Siliconix TEKT5400S Datasheet HTML 2Page - Vishay Siliconix TEKT5400S Datasheet HTML 3Page - Vishay Siliconix TEKT5400S Datasheet HTML 4Page - Vishay Siliconix TEKT5400S Datasheet HTML 5Page - Vishay Siliconix TEKT5400S Datasheet HTML 6Page - Vishay Siliconix TEKT5400S Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TEKT5400S
Vishay Semiconductors
www.vishay.com
2 (7)
Rev. 1, 24–May–02
Document Number 81569
Basic Characteristics
Tamb = 25°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector Emitter Voltage
IC = 1 mA
VCEO
70
V
Emitter Collector Voltage
IE = 100 µA
VECO
7
V
Collector Dark Current
VCE = 20 V, E = 0
ICEO
1
100
nA
Collector Emitter Capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
6
pF
Collector Light Current
ECE = 5 V, Ee = 1 mW/cm2,
λp = 950 nm
Ica
2
4
mA
Angle of Half Sensitivity
ϕ
±37
deg
Wavelength of Peak Sensitivity
λp
920
nm
Range of Spectral Bandwidth
λ0.5
850...980
nm
Collector Emitter Saturation
Voltage
Ee = 1 mW/cm2,
λ = 950 nm, IC = 0.1 mA
VCEsat
0.3
V
Turn–On Time
VS = 5 V, IC = 5 mA,
RL = 100 Ω
ton
6
µs
Turn–Off Time
VS = 5 V, IC = 5 mA,
RL = 100 Ω
toff
5
µs
Cut–Off Frequency
VS = 5 V, IC = 5 mA,
RL = 100 Ω
fc
110
kHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE3045 Optoisolator Silicon NPN Darlington Phototransistor Output 1  2  NTE Electronics
BPW77N Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OP505W NPN SILICON PHOTOTRANSISTOR 1  2  OPTEK Technologies
BPW78 Silicon NPN Phototransistor 1  2  3  4  5  Vishay Siliconix
NTE3120 Silicon NPN Phototransistor Detector 1  2  NTE Electronics
BPW85 Silicon NPN Phototransistor 1  2  3  4  5  More Vishay Siliconix
OT410D NPN Silicon Phototransistor 1  List of Unclassifed Manufacturers
NTE3122 Phototransistor Silicon NPN Narrow Acceptance High Sensitivity Darlington 1  2  NTE Electronics
PN163NC Silicon NPN Phototransistor 1  2  Panasonic Semiconductor
ST-23G Photo transistors high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking 1  2  KODENSHI KOREA CORP.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn