Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55V8512J-12 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC55V8512J-12
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V8512J-12 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC55V8512J-12 Datasheet HTML 1Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 2Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 3Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 4Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 5Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 6Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 7Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 8Page - Toshiba Semiconductor TC55V8512J-12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC55V8512J/FT-12,-15
2001-12-19
1/10
• Single power supply voltage of 3.3 V ± 0.3 V
• Fully static operation
• All inputs and outputs are LVTTL compatible
• Output buffer control using OE
• Package:
SOJ36-P-400-1.27 (J)
(Weight: 1.35 g typ)
TSOP II44-P-400-0.80 (FT)
(Weight: 0.45 g typ)
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
524,288-WORD BY 8-BIT CMOS STATIC RAM
DESCRIPTION
The TC55V8512J/FT is a 4,194,304-bit high-speed static random access memory (SRAM) organized as 524,288
words by 8 bits. Fabricated using CMOS technology and advanced circuit techniques to provide high speed, it
operates from a single 3.3 V power supply. Chip enable ( CE ) can be used to place the device in a low-power mode,
and output enable ( OE ) provides fast memory access. This device is well suited to cache memory applications
where high-speed access and high-speed storage are required. All inputs and outputs are directly LVTTL
compatible. The TC55V8512J/FT is available in plastic 36-pin SOJ and 44-pin TSOP with 400mil width for high
density surface assembly.
FEATURES
• Fast access time (the following are maximum values)
TC55V8512J/FT-12:12 ns
TC55V8512J/FT-15:15 ns
• Low-power dissipation
(the following are maximum values)
Cycle Time
12
15
20
25
ns
Operation (max)
170
140
130
110
mA
Standby:4 mA (both devices)
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
36 PIN SOJ
44 PIN TSOP
A0 to A18
Address Inputs
I/O1 to I/O8
Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
VDD
Power (
+3.3 V)
GND
Ground
NC
No Connection
NU
Not Usable (Input)
(TC55V8512J)
(TC55V8512FT)
A17
A3
A2
A1
A0
I/O1
I/O2
VDD
GND
I/O3
I/O4
A16
A15
A14
A13
A18
NC
A4
A5
A6
A7
I/O8
I/O7
GND
VDD
I/O6
I/O5
A8
A9
A10
A11
A12
NU
1
36
2
35
3
34
4
33
5
32
6
31
7
30
8
29
9
28
10
27
11
26
12
25
13
24
14
23
15
22
16
21
17
20
18
19
CE
OE
WE
1
44
2
43
3
42
4
41
5
40
6
39
7
38
8
37
9
36
10
35
11
34
12
33
13
32
14
31
15
30
16
29
17
28
18
27
19
26
20
25
21
24
22
23
NC
NC
A17
A3
A2
A1
A0
I/O1
I/O2
VDD
GND
I/O3
I/O4
A16
A15
A14
A13
A18
NC
NC
NC
NC
NC
A4
A5
A6
A7
I/O8
I/O7
GND
VDD
I/O6
I/O5
A8
A9
A10
A11
A12
NU
NC
NC
OE
CE
WE


Similar Part No. - TC55V8512J-12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V8512JI-12 TOSHIBA-TC55V8512JI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512JI-15 TOSHIBA-TC55V8512JI-15 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55V8512J-12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com