Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9WMA1FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9WMA1FK
Description  TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMA1FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9WMA1FK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMA1FK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC9WMA1FK
2001-10-16
6
Maximum Ratings (GND
==== 0 V)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.3~4.6
V
Input voltage
VIN
-0.3~VCC + 0.3
V
Output voltage
VOUT
-0.3~VCC + 0.3
V
Power dissipation
PD
200 (25°C)
mW
Soldering temperature (in time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
-55~125
°C
Operating temperature
Topr
-40~85
°C
Recommended Operating Conditions (GND
==== 0 V, Topr ==== ----40~85°C)
Characteristics
Symbol
Test Condition
Min
Max
Unit
Power supply voltage
VCC
2.7
3.6
V
Recommended Operating Conditions (GND
==== 0 V, VCC ==== 2.7~3.6 V, Topr ==== ----40~85°C)
Characteristics
Symbol
Pin
Test Condition
Min
Max
Unit
Low level input voltage
VIL
VCC = 2.7 V
0
0.45
V
VIH1
CS
, DI, RST
VCC = 3.6 V
1.6
VCC
High level input voltage
VIH2
CLK
VCC = 3.6 V
2.2
VCC
V
Operating frequency
fCLK
0
1
MHz


Similar Part No. - TC9WMA1FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMA2FK TOSHIBA-TC9WMA2FK Datasheet
252Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
More results

Similar Description - TC9WMA1FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com