Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1000C22K0L Datasheet(PDF) 2 Page - International Rectifier

Part # ST1000C22K0L
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1000C22K0L Datasheet(HTML) 2 Page - International Rectifier

  ST1000C22K0L Datasheet HTML 1Page - International Rectifier ST1000C22K0L Datasheet HTML 2Page - International Rectifier ST1000C22K0L Datasheet HTML 3Page - International Rectifier ST1000C22K0L Datasheet HTML 4Page - International Rectifier ST1000C22K0L Datasheet HTML 5Page - International Rectifier ST1000C22K0L Datasheet HTML 6Page - International Rectifier ST1000C22K0L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST1000C..K Series
2
Bulletin I25202 rev. A 01/00
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = 125°C
VV
mA
12
1200
1300
16
1600
1700
20
2000
2100
22
2200
2300
24
2400
2500
26
2600
2700
ST1000C..K
100
I
T(AV)
Maximum average on-state current
1473 (630)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
Double side (single side) cooled
I
T(RMS)
Maximum RMS on-state current
6540
A
DC @ 25°C heatsink temp. double side cooled
I
TSM
Maximum peak, one-cycle,
20.0
KA
t = 10ms
No voltage
non-repetitive surge current
21.2
t = 8.3ms
reapplied
17.0
t = 10ms
100% V
RRM
18.1
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
2000
KA2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
1865
t = 8.3ms
reapplied
1445
t = 10ms
100% V
RRM
1360
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
20000
KA2
√s t = 0.1 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold voltage
0.950
V
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
VT(TO)2 High level value of threshold voltage
1.024
(I >
π x I
T(AV)), T J = TJ max.
rt1
Low level value of on-state slope resistance
0.283
m
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
rt2
High level value of on-state slope resistance
0.265
(I >
π x I
T(AV)), T J = TJ max.
V
TM
Maximum on-state voltage drop
1.80
V
I
pk
= 3000A, T
J
= 125°C, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
mA
T
J = 25°C, anode supply 12V resistive load
I
L
Typical latching current
1000
Parameter
ST1000C..K
Units Conditions
On-state Conduction


Similar Part No. - ST1000C22K0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1000C22K0L VISHAY-ST1000C22K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C22K0L VISHAY-ST1000C22K0L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

Similar Description - ST1000C22K0L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com