Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSENO22 Datasheet(PDF) 5 Page - Schurter Inc.

Part # PSENO22
Description  Piezo Switch N.O.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PSENO22 Datasheet(HTML) 5 Page - Schurter Inc.

  PSENO22 Datasheet HTML 1Page - Schurter Inc. PSENO22 Datasheet HTML 2Page - Schurter Inc. PSENO22 Datasheet HTML 3Page - Schurter Inc. PSENO22 Datasheet HTML 4Page - Schurter Inc. PSENO22 Datasheet HTML 5Page - Schurter Inc. PSENO22 Datasheet HTML 6Page - Schurter Inc. PSENO22 Datasheet HTML 7Page - Schurter Inc. PSENO22 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Metal Line Switches
PSE NO 22
https://www.schurter.com /PG70
Switches
Diagrams
PSE PI
NO
B)
C)
D)
E)
A)
A) Double-LED (2 colors, 3 pins) or simple LED (2 pins)
B) Cable 1 (color 1 of the LED), Supply voltage
C) Cable 2 (color 2 of the LED), Supply voltage
D) Cable 3 (black), Mass
E) Cable 4 and 5 (white), input and output PSE switch
PSE M22 RI with Wires, 12/24 V
NO
B)
C)
D)
A)
A) Cable 5 (black), Common mass of both LED groups
B) Cable 1 (color of the LEDs), Supply voltage first LED group
C) Cable 2 (color of the LEDs), Supply voltage second LED group
D) Cable 3 and 4 (white), Input and output PSE switch
PSE M22 RI with Quick Connect Terminal, 12/24 V
NO
1 2 3 4 5
NO
1 2 3 4 5
NO
1 2 3 4 5
rt
gn
gn
rt
(+)
(+)
(-)
(+)
(-)
(+)
(-)
A)
B)
C)
A) Illuminated red
B) Illuminated green
C) Illuminated red/green
PI = point illumination
RI = ring illumination
PSE M22 / M30 RI RGY
A)
++ +
B)
C)
D)
E)
F)
A) Cable (color of the LED), Supply voltage
B) Cable (color of the LED), Supply voltage
C) Cable (color of the LED), Supply voltage
D) Cable (black), Common mass
E) Cable (white), Input and output MCS switch
F) Cable (white), Input and output MCS switch
Illumination options for RGY
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Yellow
PSE M22 / M24 / M27 / M30 RI Multicolor
NO
A)
++ +
B)
C)
E)
F)
D)
A) Cable 1 (color of the LED), Supply voltage
B) Cable 2 (color of the LED), Supply voltage
C) Cable 3 (color of the LED), Supply voltage
D) Cable 4 (black), Common mass
E) Cable 5/6 (white), Input and output PSE switch
F) Cable 5/6 (white), Input and output PSE switch
Illumination options for Multicolor
Lighting type
Active
Active
Active
Resulting
terminal
terminal
terminal
Color
A)
B)
C)
Multicolor Singlecolor
A
Red
Multicolor Singlecolor
B
Green
Multicolor Singlecolor
C
Blue
Multicolor RGB Additive 2
A
B
Yellow
Multicolor RGB Additive 2
A
C
Magenta
Multicolor RGB Additive 2
B
C
Cyan
Multicolor RGB Additive 3
A
B
C
White


Similar Part No. - PSENO22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO22 SCHURTER-PSENO22 Datasheet
1Mb / 7P
   Available in version Standard and lettered, from diameter 22 mm with Point Illumination or Ring Illumination
PSENO22 SCHURTER-PSENO22 Datasheet
1Mb / 8P
   Piezo Switch N.O.
07.02.2022
PSENO22 SCHURTER-PSENO22_V01 Datasheet
1Mb / 8P
   Piezo Switch N.O.
07.02.2022
More results

Similar Description - PSENO22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSENO16 SCHURTER-PSENO16_V02 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
PSENO16 SCHURTER-PSENO16 Datasheet
696Kb / 6P
   Piezo Switch N.O.
PSEWITHCABLE SCHURTER-PSEWITHCABLE_V01 Datasheet
546Kb / 4P
   Piezo Switch N.O.
05.01.2022
PSENO30 SCHURTER-PSENO30 Datasheet
890Kb / 7P
   Piezo Switch N.O.
PSENO22 SCHURTER-PSENO22_V01 Datasheet
1Mb / 8P
   Piezo Switch N.O.
07.02.2022
PSENO30 SCHURTER-PSENO30_V01 Datasheet
892Kb / 7P
   Piezo Switch N.O.
05.01.2022
PSEIV30 SCHURTER-PSEIV30 Datasheet
788Kb / 6P
   Piezo Switch Prolonged Signal
PSEIV16 SCHURTER-PSEIV16_V02 Datasheet
706Kb / 5P
   Piezo Switch Prolonged Signal
05.01.2022
PSEIV22 SCHURTER-PSEIV22 Datasheet
1Mb / 7P
   Piezo Switch Prolonged Signal
PSEIV16 SCHURTER-PSEIV16 Datasheet
735Kb / 6P
   Piezo Switch Prolonged Signal
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com