Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCW-W5SN Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LCW-W5SN
Description  white SMD package, colorless clear silicone resin; chip level conversion
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5SN Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LCW-W5SN Datasheet HTML 11Page - OSRAM GmbH LCW-W5SN Datasheet HTML 12Page - OSRAM GmbH LCW-W5SN Datasheet HTML 13Page - OSRAM GmbH LCW-W5SN Datasheet HTML 14Page - OSRAM GmbH LCW-W5SN Datasheet HTML 15Page - OSRAM GmbH LCW-W5SN Datasheet HTML 16Page - OSRAM GmbH LCW-W5SN Datasheet HTML 17Page - OSRAM GmbH LCW-W5SN Datasheet HTML 18Page - OSRAM GmbH LCW-W5SN Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LCW W5SN
2007-08-16
15
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
4
± 0.1
(0.157
± 0.004)
8
± 0.1
(0.315
± 0.004)
2
± 0.1
(0.079
± 0.004)
1.5
+ 0.1
(0.059
+ 0.004)
1.75
± 0.1
(0.069
± 0.004)
11.5
± 0.1
(0.453
± 0.004)
Reel dimensions in mm (inch)
A
W
Nmin
W1
W2 max
180 (7)
24 (0.945)
60 (2.362)
24.4
+ 2 (0.961 + 0.079)
30.4 (1.197)
OHA12043
X - X - X
(G) GROUP:
Lot Number
(1T) LOT NO:
(9D) D/C: Date Code
(X) PROD NO: Product Code
(6P) BATCH NO: Batch Number
Lx xxxx
Product Name
RoHS Compliant
Bin1: Bin Information Color 1
Bin2:
Bin3:
ML
2
Temp ST
260 C RT
Additional TEXT
R077
DEMY
PACKVAR: Packing Type
Product Quantity per Reel
(Q)QTY:
Semiconductors
OSRAM Opto
Wavelength Group
Forward Voltage Group
Brightness Group
Bar Code
Bar Code
Bar Code
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm
24+ 0.3
– 0.1


Similar Part No. - LCW-W5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-W5SG OSRAM-LCW-W5SG Datasheet
595Kb / 17P
   white SMD package, colored diffused silicone resin
LCW-W5SM OSRAM-LCW-W5SM Datasheet
839Kb / 26P
   white SMD package, colorless clear silicone resin, chip level conversion
More results

Similar Description - LCW-W5SN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-W5SM OSRAM-LW-W5SM Datasheet
592Kb / 18P
   white SMD package, colorless clear silicone resin; chip level conversion
LUW-W5SM OSRAM-LUW-W5SM Datasheet
524Kb / 21P
   white SMD package, colorless clear silicone resin; chip level conversion
LCW-W5SM OSRAM-LCW-W5SM Datasheet
839Kb / 26P
   white SMD package, colorless clear silicone resin, chip level conversion
LW-W5SN OSRAM-LW-W5SN Datasheet
438Kb / 20P
   white SMD package, colorless clear silicone resin; chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
LCW-W51M OSRAM-LCW-W51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
LW-W5AP OSRAM-LW-W5AP Datasheet
642Kb / 18P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com