Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCW-JDSI.PC Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LCW-JDSI.PC
Description  white SMT package, colored diffused silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-JDSI.PC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-JDSI.PC Datasheet HTML 6Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 7Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 8Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 9Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 10Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 11Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 12Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 13Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2013-07-16
10
Version 1.0
LCW JDSI.PC
Forward Current 6) page 22
Durchlassstrom 6) Seite22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 22
Relative Lichtstärke 6) Seite 22
IV/IV(120 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 22
Farbortverschiebung 6) Seite 22
ΔCx, ΔCy = f(IF); TS = 25 °C
2.6
2.8
3.0
3.2
3.4
VF [V]
0
50
100
150
200
ΙF [mA]
0
50
100
150
200
F [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
V (120mA)
LCWJDSH.PC
IF[mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: ΔCx
: ΔCy


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn