Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCW-JDSI.PC Datasheet(PDF) 6 Page - OSRAM GmbH

Part No. LCW-JDSI.PC
Description  white SMT package, colored diffused silicone resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-JDSI.PC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCW-JDSI.PC Datasheet HTML 2Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 3Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 4Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 5Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 6Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 7Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 8Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 9Page - OSRAM GmbH LCW-JDSI.PC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2013-07-16
6
Version 1.0
LCW JDSI.PC
Color Chromaticity Groups 5) page 22
Farbortgruppen 5) Seite 22
Chromaticity Coordinate Groups 5) page 22
Farbortgruppen 5) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
5M
0.3746
0.3624
8R
0.4261
0.4077
0.3369
0.3451
0.3773
0.3726
0.4299
0.4165
0.3441
0.3428
0.3822
0.3670
0.4346
0.4108
0.3448
0.3515
0.3853
0.3776
0.4387
0.4197
6H
0.3369
0.3451
6M
0.3773
0.3726
5S
0.4222
0.3840
0.3373
0.3534
0.3799
0.3828
0.4263
0.3929
0.3448
0.3515
0.3853
0.3776
0.4298
0.3867
0.3456
0.3601
0.3885
0.3882
0.4342
0.3957
7H
0.3373
0.3534
7M
0.3799
0.3828
6S
0.4263
0.3929
0.3376
0.3616
0.3826
0.3931
0.4305
0.4019
0.3456
0.3601
0.3885
0.3882
0.4342
0.3957
0.3464
0.3688
0.3916
0.3987
0.4386
0.4048
OHA04327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
480
460
470
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
W X
V
U
T
S
R
Q
P
O
N
M
L
K
J
5
6
7
8
I
H
5
6
7
+


Similar Part No. - LCW-JDSI.PC

ManufacturerPart No.DatasheetDescription
OSRAM GmbH
OSRAM GmbH
LCW-JDSI.EC OSRAM-LCW-JDSI.EC Datasheet
281Kb / 23P
   white SMT package, colored diffused silicone resin
More results

Similar Description - LCW-JDSI.PC

ManufacturerPart No.DatasheetDescription
OSRAM GmbH
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
LUWJNSH.PC OSRAM-LUWJNSH.PC Datasheet
1Mb / 22P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz