Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCW-E6SG Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCW-E6SG
Description  white P-LCC-4 package, colored diffused silicone resin
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-E6SG Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCW-E6SG Datasheet HTML 7Page - OSRAM GmbH LCW-E6SG Datasheet HTML 8Page - OSRAM GmbH LCW-E6SG Datasheet HTML 9Page - OSRAM GmbH LCW-E6SG Datasheet HTML 10Page - OSRAM GmbH LCW-E6SG Datasheet HTML 11Page - OSRAM GmbH LCW-E6SG Datasheet HTML 12Page - OSRAM GmbH LCW-E6SG Datasheet HTML 13Page - OSRAM GmbH LCW-E6SG Datasheet HTML 14Page - OSRAM GmbH LCW-E6SG Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LCW E6SG
2007-12-13
11
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
OHL01362
0
0
I
mA
F
˚C
T
20
40
60
80
100
120
temp. ambient
temp. solder point
T
T
S
A
A
TTS
10
20
30
40
50
60
0
0.05
0.10
0.15
-5
0.20
0.25
F
I
0.35
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01503
0.02
0.005
0.01
=
D
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
Angestrebte mittlere Lebensdauer
2) Seite 18
für mittlere Helligkeitsgruppe
Target median Lifetime
2) page 18
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 25mA
T
A = 25°C
50’000
Betriebsstunden
operating hours
I
F = 30mA
T
A = 85°C
10’000
Betriebsstunden
operating hours
I
F = 45 mA
T
S = 125°C
T
J = 150°C
500
Betriebsstunden
operating hours
0
0.05
0.10
0.15
-5
0.20
0.25
F
I
0.35
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01549
0.02
0.005
0.01
=
D
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10


Similar Part No. - LCW-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LCW-CP7P.PC OSRAM-LCW-CP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CPDP.PC OSRAM-LCW-CPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.EC OSRAM-LCW-CQ7P.EC Datasheet
1Mb / 27P
   SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LCW-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWE6SG OSRAM-LUWE6SG Datasheet
379Kb / 17P
   white P-LCC-4 package, colored diffused silicone resin
LUW-E6SG OSRAM-LUW-E6SG Datasheet
379Kb / 17P
   white P-LCC-4 package, colored diffused silicone resin
LCWE6SG OSRAM-LCWE6SG Datasheet
708Kb / 18P
   white P-LCC-4 package, colored diffused silicone resin
LWWWG6SG OSRAM-LWWWG6SG Datasheet
612Kb / 19P
   white P-LCC-6 package, colored diffused silicone resin
LCW-G6SP OSRAM-LCW-G6SP Datasheet
699Kb / 21P
   white P-LCC-6 package, colored diffused silicone resin
LW-T676 OSRAM-LW-T676 Datasheet
219Kb / 15P
   white P-LCC-2 package, colored diffused resin
LWT676 OSRAM-LWT676 Datasheet
219Kb / 15P
   white P-LCC-2 package, colored diffused resin
LRTBG6SG OSRAM-LRTBG6SG Datasheet
854Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LW-ETSG OSRAM-LW-ETSG Datasheet
642Kb / 23P
   white PLCC-4 package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com