Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73901M Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN73901M
Description  High- and Low-Side, Gate-Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73901M Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN73901M Datasheet HTML 2Page - ON Semiconductor FAN73901M Datasheet HTML 3Page - ON Semiconductor FAN73901M Datasheet HTML 4Page - ON Semiconductor FAN73901M Datasheet HTML 5Page - ON Semiconductor FAN73901M Datasheet HTML 6Page - ON Semiconductor FAN73901M Datasheet HTML 7Page - ON Semiconductor FAN73901M Datasheet HTML 8Page - ON Semiconductor FAN73901M Datasheet HTML 9Page - ON Semiconductor FAN73901M Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73901 • Rev. 1.0.1
5
Electrical Characteristics
VBIAS (VDD, VBS)=15.0 V, VS=COM, TA=25C, unless otherwise specified. The VIL, VIH, and IIN parameters are refer-
enced to COM and are applicable to the respective input signals HIN and LIN. The VO and IO parameters are refer-
enced to COM and VS is applicable to the respective output signals HO and LO.
Note:
4. This parameter guaranteed by design.
Dynamic Electrical Characteristics
VBIAS (VDD, VBS)=15.0 V, VS=COM=0 V, CL=1000 pF and TA=25C unless otherwise specified.
Symbol
Characteristics
Test Condition
Min.
Typ.
Max. Unit
POWER SUPPLY SECTION (VDD AND VBS)
VDDUV+
VBSUV+
VDD and VBS Supply Under-Voltage
Positive-Going Threshold
8.0
8.8
9.8
V
VDDUV-
VBSUV-
VDD and VBS Supply Under-Voltage
Negative-Going Threshold
7.4
8.3
9.0
V
VDDUVH
VBSUVH
VDD and VBS Supply Under-Voltage
Lockout Hysteresis Voltage
0.5
V
ILK
Offset Supply Leakage Current
VB=VS=600 V
50
µA
IQBS
Quiescent VBS Supply Current
VIN=0V or 5 V
45
80
µA
IQDD
Quiescent VDD Supply Current
VIN=0V or 5 V
75
110
µA
IPBS
Operating VBS Supply Current
fIN=20 kHz, rms value
530
640
µA
IPDD
Operating VDD Supply Current
fIN=20 kHz, rms value
530
640
µA
LOGIC INPUT SECTION (HIN, LIN)
VIH
Logic "1" Input Voltage
2.5
V
VIL
Logic "0" Input Voltage
1.2
V
IIN+
Logic "1" Input Bias Current
VIN=5 V
25
50
µA
IIN-
Logic "0" Input Bias Current
VIN=0 V
1.0
2.0
µA
RIN
Input Pull-Down Resistance
100
200
K
GATE DRIVER OUTPUT SECTION (HO, LO)
VOH
High-Level Output Voltage, VBIAS-VO
No Load
1.0
V
VOL
Low-Level Output Voltage, VO
No Load
35
mV
IO+
Output High, Short-Circuit Pulsed
Current(4)
VO=0 V, VIN=5 V with PW<10 µs
1.8
2.5
A
IO-
Output Low, Short-Circuit Pulsed
Current(4)
VO=15 V, VIN=0 V with PW<10 µs
1.8
2.5
A
VS
Allowable Negative VS Pin Voltage for
HIN Signal Propagation to HO
-9.8
-7.0
V
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
ton
Turn-on Propagation Delay
VS=0 V
140
200
ns
toff
Turn-off Propagation Delay
VS=0 V
140
200
ns
MT
Delay Matching, HS & LS Turn-on/off
0
50
ns
tr
Turn-on Rise Time
25
50
ns
tf
Turn-off Fall Time
20
45
ns


Similar Part No. - FAN73901M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73901M FAIRCHILD-FAN73901M Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
FAN73901MX FAIRCHILD-FAN73901MX Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
More results

Similar Description - FAN73901M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com