Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73833 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN73833
Description  Half-Bridge Gate-Drive IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73833 Datasheet(HTML) 5 Page - ON Semiconductor

  FAN73833 Datasheet HTML 1Page - ON Semiconductor FAN73833 Datasheet HTML 2Page - ON Semiconductor FAN73833 Datasheet HTML 3Page - ON Semiconductor FAN73833 Datasheet HTML 4Page - ON Semiconductor FAN73833 Datasheet HTML 5Page - ON Semiconductor FAN73833 Datasheet HTML 6Page - ON Semiconductor FAN73833 Datasheet HTML 7Page - ON Semiconductor FAN73833 Datasheet HTML 8Page - ON Semiconductor FAN73833 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73833 • Rev.1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA=25°C, unless otherwise specified.
Notes:
1. Mounted on 76.2 x 114.3 x 1.6 mm PCB (FR-4 glass epoxy material).
2. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
3. Do not exceed PD under any circumstances.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VS
High-side offset voltage
VB-25
VB+0.3
V
VB
High-side floating supply voltage
-0.3
625
V
VHO
High-side floating output voltage HO
VS-0.3
VB+0.3
V
VDD
Low-side and logic-fixed supply voltage
-0.3
25
V
VLO
Low-side output voltage LO
-0.3
VDD+0.3
V
VIN
Logic input voltage (HIN/LIN)
-0.3
VDD+0.3
V
COM
Logic ground and low-side driver return
VDD-25
VDD+0.3
V
dVS/dt
Allowable offset voltage slew rate
50
V/ns
PD
(1)(2)(3)
Power dissipation
0.625
W
JA
Thermal resistance, junction-to-ambient
200
C/W
TJ
Junction temperature
150
C
TSTG
Storage temperature
-55
150
C
Symbol
Parameter
Min.
Max.
Unit
VB
High-side floating supply voltage
VS+11
VS+20
V
VS
High-side floating supply offset voltage
6-VDD
600
V
VDD
Low-side supply voltage
11
20
V
VHO
High-side (HO) output voltage
VS
VB
V
VLO
Low-side (LO) output voltage
COM
VDD
V
VIN
Logic input voltage (HIN/LIN)
COM
VDD
V
TA
Ambient temperature
-40
125
C


Similar Part No. - FAN73833

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
FAN73833M FAIRCHILD-FAN73833M Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
FAN73833MX FAIRCHILD-FAN73833MX Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
More results

Similar Description - FAN73833

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com