Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE56051 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE56051
Description  TRIAC, 8A Low Logic Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE56051 Datasheet(HTML) 2 Page - NTE Electronics

  NTE56051 Datasheet HTML 1Page - NTE Electronics NTE56051 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specfied)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Gate Trigger Current
MT2 (+), G (+)
IGT
VD = 12V, IT = 0.1A
2.5
5
mA
MT2 (+), G (–)
3.5
5
mA
MT2 (–), G (–)
3.5
5
mA
MT2 (–), G (+)
6.5
10
mA
Latching Current
MT2 (+), G (+)
IL
VD = 12V, IT = 0.1A
1.6
15
mA
MT2 (+), G (–)
8.5
20
mA
MT2 (–), G (–)
1.2
15
mA
MT2 (–), G (+)
2.5
20
mA
Holding Current
IH
VD = 12V, IT = 0.1A
1.5
10
mA
On–State Voltage
VT
IT = 5A
1.4
1.7
V
Gate Trigger Voltage
VGT
VD = 12V, IT = 0.1A
0.7
1.5
V
VD = 400V, IT = 0.1A, TJ = +125°C
0.25
0.4
V
Off–State Leakage Current
ID
VD = VDRMmax, TJ = +125°C
0.1
0.5
mA
Dynamic Characteristics
Critical Rate–of–Rise of
Off–State Voltage
dVD/dt
VDM = 67% VDRMmax, TJ = +125°C,
Exponential Waveform, RGK = 1kΩ
5
V/
µs
Gate Controlled Turn–On Time
tgt
ITM = 12A, VD = VDRMmax, IG = 0.1A,
dIG/dt = 5A/µs
2
µs
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
MT2
.070 (1.78) Max
.100 (2.54)
MT1
MT2
Gate
.110 (2.79)


Similar Part No. - NTE56051

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5605 NTE-NTE5605 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
NTE56050 NTE-NTE56050 Datasheet
20Kb / 2P
   TRIAC, 4A Low Logic Level
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
   TRIAC, 16A
NTE56058 NTE-NTE56058 Datasheet
25Kb / 2P
   NTE56058 thru NTE56060 TRIAC, 16A
NTE56059 NTE-NTE56059 Datasheet
25Kb / 2P
   NTE56058 thru NTE56060 TRIAC, 16A
More results

Similar Description - NTE56051

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56049 NTE-NTE56049 Datasheet
20Kb / 2P
   TRIAC, 4A Low Logic Level
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com