Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7393A Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN7393A
Description  Half-Bridge Gate Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7393A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN7393A Datasheet HTML 2Page - ON Semiconductor FAN7393A Datasheet HTML 3Page - ON Semiconductor FAN7393A Datasheet HTML 4Page - ON Semiconductor FAN7393A Datasheet HTML 5Page - ON Semiconductor FAN7393A Datasheet HTML 6Page - ON Semiconductor FAN7393A Datasheet HTML 7Page - ON Semiconductor FAN7393A Datasheet HTML 8Page - ON Semiconductor FAN7393A Datasheet HTML 9Page - ON Semiconductor FAN7393A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7393A • Rev. 1.0.1
5
Electrical Characteristics
VBIAS(VDD, VBS)=15.0V, VSS=COM=0V, DT=VSS, and TA=25°C unless otherwise specified. The VIN and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: IN and SD. The VO and IO
parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Note:
5
These parameters are guaranteed by design.
Symbol
Characteristics
Test Condition
Min. Typ. Max. Unit
POWER SUPPLY SECTION
IQDD
Quiescent VDD Supply Current
VIN=0V or 5V
600
1000
A
IQBS
Quiescent VBS Supply Current
VIN=0V or 5V
55
100
A
IPDD
Operating VDD Supply Current
fIN=20KHz, No Load
1.0
1.6
mA
IPBS
Operating VBS Supply Current
CL=1nF, fIN=20KHz, RMS
450
800
A
ISD
Shutdown Mode Supply Current
SD=VSS
650
1000
A
ILK
Offset Supply Leakage Current
VB=VS=600V
10
A
BOOTSTRAPPED SUPPLY SECTION
VDDUV+
VBSUV+
VDD and VBS Supply Under-Voltage 
Positive-Going Threshold Voltage
VIN=0V, VDD=VBS=Sweep
7.8
8.8
9.8
V
VDDUV-
VBSUV-
VDD and VBS Supply Under-Voltage 
Negative-Going Threshold Voltage
VIN=0V, VDD=VBS=Sweep
7.3
8.3
9.3
V
VDDUVH-
VBSUVH
VDD and VBS Supply Under-Voltage Lockout
Hysteresis Voltage
VIN=0V, VDD=VBS=Sweep
0.5
V
SHUNT REGULATOR SECTION
VSHUNT
Shunt Regulator Clamping Voltage for VBS
VBS=Sweep, ISHUNT=5mA
21
23
25
V
INPUT LOGIC SECTION
VIH
Logic “1” Input Voltage for HO & Logic “0” for LO
2.5
V
VIL
Logic “0” Input Voltage for HO & Logic “1” for LO
0.8
V
IIN+
Logic Input High Bias Current
VIN=5V, SD=0V
20
50
A
IIN-
Logic Input Low Bias Current
VIN=0V, SD=5V
3
A
RIN
Logic Input Pull-Down Resistance
100
250
K
VSDCLAMP Shutdown (SD) Input Clamping Voltage
(5)
5.0
5.5
V
SD+
Shutdown (SD) Input Positive-Going Threshold
2.5
V
SD-
Shutdown (SD) Input Negative-Going Threshold
0.8
V
RPSD
Shutdown (SD) Input Pull-Up Resistance
100
250
K
GATE DRIVER OUTPUT SECTION
VOH
High-Level Output Voltage (VBIAS - VO)
No Load (IO=0A)
1.5
V
VOL
Low-Level Output Voltage
No Load (IO=0A)
100
mV
IO+
Output High, Short-Circuit Pulsed Current(5)
VHO=0V, VIN=5V, 
PW
10µs
2.0
2.5
A
IO-
Output Low, Short-Circuit Pulsed Current(5)
VHO=15V, VIN=0V,
PW
10µs
2.0
2.5
A
VSS/COM VSS-COM/COM-VSS Voltage Endurability
(5)
-5.0
5.0
V
VS
Allowable Negative VS Pin Voltage for IN Signal
Propagation to HO
-9.8
-7.0
V


Similar Part No. - FAN7393A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A Datasheet
382Kb / 16P
   Half-Bridge Gate Drive IC
FAN7393AM FAIRCHILD-FAN7393AM Datasheet
382Kb / 16P
   Half-Bridge Gate Drive IC
FAN7393AMX FAIRCHILD-FAN7393AMX Datasheet
382Kb / 16P
   Half-Bridge Gate Drive IC
FAN7393AMX FAIRCHILD-FAN7393AMX_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results

Similar Description - FAN7393A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com