Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7392N Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN7392N
Description  High-Current, High- and Low-Side, Gate-Drive IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7392N Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN7392N Datasheet HTML 4Page - ON Semiconductor FAN7392N Datasheet HTML 5Page - ON Semiconductor FAN7392N Datasheet HTML 6Page - ON Semiconductor FAN7392N Datasheet HTML 7Page - ON Semiconductor FAN7392N Datasheet HTML 8Page - ON Semiconductor FAN7392N Datasheet HTML 9Page - ON Semiconductor FAN7392N Datasheet HTML 10Page - ON Semiconductor FAN7392N Datasheet HTML 11Page - ON Semiconductor FAN7392N Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7392 Rev. 1.0.4
7
Dynamic Electrical Characteristics
VBIAS(VCC, VBS, VDD)=15.0V, VSS=COM=0V, CLOAD=1000pF, TA=25°C, unless otherwise specified.
Note:
4. These parameters guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ton
Turn-On Propagation Delay Time
VS=0V
130
180
ns
toff
Turn-Off Propagation Delay Time
VS=0V
150
200
ns
tsd
Shutdown propagation Delay Time(4)
130
180
ns
tr
Turn-On Rise Time
25
50
ns
tf
Turn-Off Fall Time
20
45
ns
MT
Delay Matching, HO & LO Turn-On/Off
35
ns


Similar Part No. - FAN7392N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392N FAIRCHILD-FAN7392N Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7392N FAIRCHILD-FAN7392N Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
More results

Similar Description - FAN7392N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com