Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7388MX Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN7388MX
Description  3 Half-Bridge Gate-Drive IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7388MX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN7388MX Datasheet HTML 2Page - ON Semiconductor FAN7388MX Datasheet HTML 3Page - ON Semiconductor FAN7388MX Datasheet HTML 4Page - ON Semiconductor FAN7388MX Datasheet HTML 5Page - ON Semiconductor FAN7388MX Datasheet HTML 6Page - ON Semiconductor FAN7388MX Datasheet HTML 7Page - ON Semiconductor FAN7388MX Datasheet HTML 8Page - ON Semiconductor FAN7388MX Datasheet HTML 9Page - ON Semiconductor FAN7388MX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7388 • Rev.1.3
5
Electrical Characteristics
VBIAS (VDD, VBS1,2,3)=15.0 V, TA=25C, unless otherwise specified. The VIN and IIN parameters are referenced to
GND. The VO and IO parameters are referenced to GND and VS1,2,3 and are applicable to the respective outputs
LO1,2,3 and HO1,2,3.
Note:
4. This parameter is guaranteed by design.
Symbol
Characteristics
Condition
Min. Typ. Max. Unit
LOW-SIDE POWER SUPPLY SECTION
IQDD
Quiescent VDD Supply Current
VLIN1,2,3=0 V or 5 V
160
350
µA
IPDD1,2,3
Operating VDD Supply Current for each
Channel
fLIN1,2,3=20 kHz, rms Value
500
900
µA
VDDUV+
VDD Supply Under-Voltage Positive-Going
Threshold
VDD=Sweep, VBS=15 V
7.2
8.2
9.0
V
VDDUV-
VDD Supply Under-Voltage Negative-Going
Threshold
VDD=Sweep, VBS=15 V
6.8
7.8
8.5
V
VDDHYS
VDD Supply Under-Voltage Lockout
Hysteresis
VDD=Sweep, VBS=15 V
0.4
V
BOOTSTRAPPED POWER SUPPLY SECTION
IQBS1,2,3
Quiescent VBS Supply Current for each
Channel
VHIN1,2,3=0 V or 5 V
50
120
µA
IPBS1,2,3
Operating VBS Supply Current for each
Channel
fHIN1,2,3=20 kHz, rms Value
400
800
µA
VBSUV+
VBS Supply Under-Voltage Positive-going
Threshold
VDD=15 V, VBS=Sweep
7.2
8.2
9.0
V
VBSUV-
VBS Supply Under-Voltage Negative-going
Threshold
VDD=15 V, VBS=Sweep
6.8
7.8
8.5
V
VBSHYS
VBS Supply Under-Voltage Lockout
Hysteresis
VDD=15 V, VBS=Sweep
0.4
V
ILK
Offset Supply Leakage Current
VB1,2,3=VS1,2,3=600 V
10
µA
GATE DRIVER OUTPUT SECTION
VOH
High-Level Output Voltage, VBIAS-VO
IO=20 mA
1.0
V
VOL
Low-Level Output Voltage, VO
IO=20 mA
0.6
V
IO+
Output HIGH Short-Circuit Pulsed
Current(4)
VO=0 V, VIN=5 V with PW 
<10 µs
250
350
mA
IO-
Output LOW Short-Circuit Pulsed Current(4)
VO=15 V, VIN=0 V with PW 
<10 µs
500
650
mA
VS
Allowable Negative VS Pin Voltage for IN
Signal Propagation to HO
-9.8
-7.0
V
LOGIC INPUT SECTION (HIN, LIN)
VIH
Logic "1" Input Voltage
2.5
V
VIL
Logic "0" Input Voltage
1.0
V
IIN+
Logic "1" Input Bias Current
VIN=5 V
25
50
µA
IIN-
Logic "0" Input Bias Current(4)
VIN=0 V
2.0
µA
RIN
Input Pull-Down Resistance
100
200
300
K


Similar Part No. - FAN7388MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7388MX FAIRCHILD-FAN7388MX Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN7388MX ONSEMI-FAN7388MX Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
More results

Similar Description - FAN7388MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
logo
Fairchild Semiconductor
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
FAN7388 FAIRCHILD-FAN7388 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389_13 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com