Electronic Components Datasheet Search |
|
STM48-1V2S070-9EBX Datasheet(PDF) 4 Page - Bel Fuse Inc. |
|
STM48-1V2S070-9EBX Datasheet(HTML) 4 Page - Bel Fuse Inc. |
4 / 30 page STM48-MAIN STM48-SATELLITE Rev. 1.0 – 21/02/2018 www.powerstamp.org Page 4 of 30 belfuse.com/power-solutions Absolute Maximum Ratings Absolute maximum ratings are those values beyond which damage to the device may occur. These are stress ratings only and functional operation of the device at these conditions is not implied. Operating outside maximum recommended conditions for extended periods may affect product reliability and result in device failures. Symbol Parameter Min Max Units +IN to -IN Non-operating continuous input voltage -0.3 76 V Vout to GND Continuous output voltage -0.3 TBD V VDD Primary auxiliary bias voltage -0.3 14 V VCC Secondary auxiliary bias voltage -0.3 7 V PWM_X, PWM_Y (2) -0.3 6.65 V PWM_S, START (3) -0.3 7 V START (3) -0.3 7 V TMN, TMP (3) -0.3 7 V CSP, CSN (3) (4) -0.3 2.5 V CSP, CSN (3) (4) -0.3 2.5 V All other pins (3) -0.3 7 V Tmax Ambient temperature -40 +85 °C Tstg Storage temperature -40 +100 °C Notes: 1) All voltages referenced to GND unless otherwise specified 2) Need to be lower than VDD under any condition 3) Need to be lower than VCC under any condition 4) Max differential voltage to be limited within 100mV Specifications Specifications are typical and apply for the conditions: VDD= 5V, VCC= 5V, Tamb= 25°C unless otherwise noted. Input Specifications – All models Parameter Symbol Min Typ Max Units Input voltage Continuous; VDD, VCC applied VIN 40 48 60 V Maximum input current VIN= 40V – 60V, IO = IO_max IIN_max - - 4 A Input quiescent current VIN= 48V, IO = 0A, enabled IIN_NL TBD mA Input stand by current VIN= 48V, disabled IIN_stdby TBD mA Inrush transient I2t A2s Input reflected ripple current 5Hz to 20MHz, 1μH source impedance; VIN= 40V to 60V, IO= IO_max IIN_rr TBD mAp-p Input ripple rejection PSRR TBD dB Internal input capacitance CIN TBD µF |
Similar Part No. - STM48-1V2S070-9EBX |
|
Similar Description - STM48-1V2S070-9EBX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |