Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM70N06-11 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUM70N06-11
Description  N-Channel 60-V (D-S), 175 C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM70N06-11 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUM70N06-11
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72008
S-03592—Rev. B, 31-Mar-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
10
1
0.4
0.6
0.8
1.0
1.2
VGS = 10 V
ID = 60 A
TJ = 25_C
TJ = 150_C
0.2
60
65
70
75
80
- 50
- 25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
Avalanche Current vs. Time
tin (Sec)
0.00001
0.0001
0.01
1
0.001
IAV (A) @ TJ = 150_C
IAV (A) @ TJ = 25_C
0.1
ID = 10 m A
1000
0.1
1
10
100


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn