Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM70N06-11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SUM70N06-11
Description  N-Channel 60-V (D-S), 175 C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM70N06-11 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUM70N06-11 Datasheet HTML 1Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 2Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 3Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 4Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUM70N06-11
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72008
S-03592—Rev. B, 31-Mar-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, IDS = 250 mA
2.0
3.0
4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 48 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
70
A
VGS = 10 V, ID = 30 A
0.0085
0.011
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125_C
0.019
W
DS(on)
VGS = 10 V, ID = 30 A, TJ = 175_C
0.025
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
25
50
S
Dynamicb
Input Capacitance
Ciss
2500
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
400
pF
Reversen Transfer Capacitance
Crss
165
Total Gate Chargec
Qg
40
60
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 70 A
13
nC
Gate-Drain Chargec
Qgd
DS
,
GS
, D
12
Turn-On Delay Timec
td(on)
15
25
Rise Timec
tr
VDD = 30 V, RL = 0.43 W
11
20
ns
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.43 W
ID ] 70 A, VGEN = 10 V, RG = 2.5 W
30
50
ns
Fall Timec
tf
D
GEN
G
7
15
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
Is
70
A
Pulsed Current
ISM
160
A
Forward Voltagea
VSD
IF = 50 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
40
80
ns
Peak Reverse Recovery Current
IRM(REC)
IF = 70 A, di/dt = 100 A/ms
1.7
3.5
A
Reverse Recovery Charge
Qrr
F
,
m
0.034
0.14
mC
Notes:
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn