Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM70N06-11 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM70N06-11
Description  N-Channel 60-V (D-S), 175 C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM70N06-11 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM70N06-11 Datasheet HTML 1Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 2Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 3Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 4Page - Vishay Siliconix SUM70N06-11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM70N06-11
Vishay Siliconix
New Product
Document Number: 72008
S-03592—Rev. B, 31-Mar-03
www.vishay.com
5
THERMAL RATINGS
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
10
0.1
1
10
100
0.1
TC = 25_C
Single Pulse
Maximum Drain Current vs.
Case Temperature
TC - Ambient Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
10
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
1
1000
Limited
by rDS(on)
100
1 ms
10 ms
dc
10
ms
100
ms
100 ms
Single Pulse


Similar Part No. - SUM70N06-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM70N03-09CP VISHAY-SUM70N03-09CP Datasheet
65Kb / 4P
   N-Channel 30-V (D-S), 175-LC MOSFET
Rev. D, 08-Dec-03
SUM70N03-09CP-E3 VISHAY-SUM70N03-09CP-E3 Datasheet
65Kb / 4P
   N-Channel 30-V (D-S), 175-LC MOSFET
Rev. D, 08-Dec-03
logo
Vishay Telefunken
SUM70N04 TFUNK-SUM70N04 Datasheet
154Kb / 8P
   N-Channel 40-V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
44Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 11-Aug-03
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results

Similar Description - SUM70N06-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M9H VISHAY-SUM110N06-3M9H Datasheet
81Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 26-Mar-07
SUD50N06-12 VISHAY-SUD50N06-12 Datasheet
69Kb / 5P
   N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 15-Sep-03
SIDR626EP VISHAY-SIDR626EP Datasheet
177Kb / 7P
   N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBE1606 VBSEMI-VBE1606_V01 Datasheet
669Kb / 8P
   N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM110N06-06 VISHAY-SUM110N06-06 Datasheet
45Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUB75N06-12L VISHAY-SUB75N06-12L Datasheet
77Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. B, 07-Sep-98
logo
VBsemi Electronics Co.,...
VBL7603 VBSEMI-VBL7603 Datasheet
463Kb / 7P
   N-Channel 60 V (D-S) 175 °C MOSFET
VBA1606 VBSEMI-VBA1606 Datasheet
462Kb / 9P
   N-Channel 60 V (D-S) 175 °C MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com