Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM48-1V2S100-7EBX Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # STM48-1V2S100-7EBX
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48-1V2S100-7EBX Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button STM48-1V2S100-7EBX Datasheet HTML 10Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 11Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 12Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 13Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 14Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 15Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 16Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 17Page - Bel Fuse Inc. STM48-1V2S100-7EBX Datasheet HTML 18Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 14 of 30
belfuse.com/power-solutions
Pad #
Pad name
Pad Function
Pad #
Pad name
Pad Function
G2
PWM1X
PWM signal for Satellite 1
G5
GND
Secondary side ground
H2
PWM2X
PWM signal for Satellite 2
H5
GND
Secondary side ground
J2
PWM3X
PWM signal for Satellite 3
J5
GND
Secondary side ground
K2
PWM4X
PWM signal for Satellite 4
K5
GND
Secondary side ground
L2
PWM5X
PWM signal for Satellite 5
L5
VR_RDY
Voltage regulator ready signal
M2
N/A
No Pad present
M5
VREG
Optional regulator input
N2
N/A
No Pad present
N5
START2
Start for Satellite 3
P2
N/A
No Pad present
P5
GND
Secondary side ground
R2
N/A
No Pad present
R5
GND
Secondary side ground
A3
N/C (-In)
Pad present, N/C, Thermal via
A6
N/C (-Vin)
Pad present, N/C, Thermal via
B3
N/C (-In)
Pad present, N/C, Thermal via
B6
N/C (-Vin)
Pad present, N/C, Thermal via
C3
N/A
No Pad present
C6
N/A
No Pad present
D3
TMP5
Temperature sense Satellite 5
D6
TMP4
Temperature sense Satellite 4
E3
CSP5
Current sense +v Satellite 5
E6
CSP4
Current sense +v Satellite 4
F3
CSN5
Current sense -v Satellite 5
F6
CSN4
Current sense -v Satellite 4
G3
GND
Secondary side ground
G6
GND
Secondary side ground
H3
GND
Secondary side ground
H6
GND
Secondary side ground
J3
GND
Secondary side ground
J6
GND
Secondary side ground
K3
GND
Secondary side ground
K6
GND
Secondary side ground
L3
PWM6X
PWM signal for Satellite 6
L6
EN
Enable signal
M3
PWM6Y
PWM signal for Satellite 6
M6
VCTRL
Controller supply voltage
N3
START5
Start for Satellite 5
N6
START4
Start for Satellite 4
P3
GND
Secondary side ground
P6
GND
Secondary side ground
R3
GND
Secondary side ground
R6
GND
Secondary side ground
A7
N/A
No Pad present
A8
N/A
No Pad present
B7
N/A
No Pad present
B8
N/A
No Pad present
C7
N/A
No Pad present
C8
N/A
No Pad present
D7
TMP6
Temperature sense Satellite 6
D8
TMN
Temperature sense -v common
for TMN of all Satellites.
E7
CSP6
Current sense +v Satellite 6
E8
+S
Remote sense +v
F7
CSN6
Current sense -v Satellite 6
F8
-S
Remote sense -v
G7
SALERT
PMBus Alert
G8
SADDR
PMBus address setting
H7
SDA
PMBus data
H8
SCL
PMBus clock
J7
SVDAT /
AVSMDAT
SVID data / AVS MData
J8
SVCLK /
AVSCLK
SVID clock / AVS clock
K7
VR_HOT#
SVI VR hot
K8
SVALRT /
AVSSDAT
SVID alert / AVS SData
L7
VCCIO_OK
VCC fault shutdown – immediate
unit shutdown
L8
PAD_ALERT#
SVI Pad Alert #
M7
N/A
No Pad present
M8
N/A
No Pad present
N7
N/A
No Pad present
N8
N/A
No Pad present
P7
N/A
No Pad present
P8
N/A
No Pad present
R7
N/A
No Pad present
R8
N/A
No Pad present
For the description of large pads numbered from 1A1 to 2D5, please refer to the table in: Pin Description – SATELLITE


Similar Part No. - STM48-1V2S100-7EBX

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4800A SAMHOP-STM4800A Datasheet
696Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STM4800A VBSEMI-STM4800A Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4800S SAMHOP-STM4800S Datasheet
119Kb / 8P
   S uper high dense cell design for low R DS (ON).
logo
VBsemi Electronics Co.,...
STM4800S VBSEMI-STM4800S Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4806 SAMHOP-STM4806 Datasheet
126Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STM48-1V2S100-7EBX

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com