Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-T6MG Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LB-T6MG
Description  black PLCC-2 package, colorless resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T6MG Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LB-T6MG Datasheet HTML 5Page - OSRAM GmbH LB-T6MG Datasheet HTML 6Page - OSRAM GmbH LB-T6MG Datasheet HTML 7Page - OSRAM GmbH LB-T6MG Datasheet HTML 8Page - OSRAM GmbH LB-T6MG Datasheet HTML 9Page - OSRAM GmbH LB-T6MG Datasheet HTML 10Page - OSRAM GmbH LB-T6MG Datasheet HTML 11Page - OSRAM GmbH LB-T6MG Datasheet HTML 12Page - OSRAM GmbH LB-T6MG Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.0
LB T6MG
2014-02-03
9
Forward Current 6) page 21
Durchlassstrom 6) Seite21
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 21 , 7) page 21
Relative Lichtstärke 6) Seite 21 , 7) Seite 21
IV/IV(10 mA) = f(IF); TS = 25 °C
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
dom = f(IF); TS = 25 °C
LBT6MG
2,83,0
3,23,4
3,63,8
VF [V]
5
10
20
30
40
50
IF [mA]
LBT6MG
IF [mA]
0,5
1
2
3
4
5
10
IV
IV(10 mA )
LBT6MG
IF [mA]
460
465
470
475
480
λ dom [nm]


Similar Part No. - LB-T6MG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T64G OSRAM-LB-T64G Datasheet
714Kb / 24P
   black PLCC-2 package, colorless resin
LB-T66G OSRAM-LB-T66G Datasheet
2Mb / 23P
   black PLCC-2 package, colorless resin
LB-T673 OSRAM-LB-T673 Datasheet
636Kb / 22P
   white PLCC-2 package, colorless clear resin
LB-T676 OSRAM-LB-T676 Datasheet
391Kb / 15P
   white P-LCC-2 package, colorless clear resin
LB-T67C OSRAM-LB-T67C Datasheet
589Kb / 22P
   white PLCC-2 package, colorless clear resin
More results

Similar Description - LB-T6MG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T66G OSRAM-LB-T66G Datasheet
2Mb / 23P
   black PLCC-2 package, colorless resin
LB-T64G OSRAM-LB-T64G Datasheet
714Kb / 24P
   black PLCC-2 package, colorless resin
LR-T66F OSRAM-LR-T66F Datasheet
2Mb / 23P
   black PLCC-2 package, colorless resin
LY-T64F OSRAM-LY-T64F Datasheet
2Mb / 24P
   black PLCC-2 package, colorless resin
LO-T66F OSRAM-LO-T66F Datasheet
2Mb / 23P
   black PLCC-2 package, colorless resin
LT-T66G OSRAM-LT-T66G Datasheet
1Mb / 22P
   black PLCC-2 package, colorless resin
LRT6MF OSRAM-LRT6MF Datasheet
599Kb / 22P
   black PLCC-2 package, colorless resin
LTTVMG OSRAM-LTTVMG Datasheet
605Kb / 22P
   black PLCC-2 package, colorless resin
LR-T6MF OSRAM-LR-T6MF Datasheet
599Kb / 22P
   black PLCC-2 package, colorless resin
LO-T64F OSRAM-LO-T64F Datasheet
2Mb / 24P
   black PLCC-2 package, colorless resin
LY-T6MF OSRAM-LY-T6MF Datasheet
595Kb / 21P
   black PLCC-2 package, colorless resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com