Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9107IRZ-T Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9107IRZ-T
Description  1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9107IRZ-T Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9107IRZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9107IRZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL9107, ISL9108
FN6612 Rev 0.00
Page 4 of 13
December 21, 2007
Typical Operating Performance
FIGURE 1. EFFICIENY vs LOAD CURRENT (VOUT = 3.3V)
FIGURE 2. EFFICIENCY vs LOAD CURRENT (VOUT = 2.5V)
FIGURE 3. EFFICIENCY vs LOAD CURRENT (VOUT = 1.6V)
FIGURE 4. IQ vs VIN (MODE = VIN, VOUT = 1.6V, IOUT = 0)
FIGURE 5. IQ vs VIN (MODE = GND, VOUT = 1.6V, IOUT = 0)
50
55
60
65
70
75
80
85
90
95
100
0
500
1000
1500
LOAD CURRENT (mA)
VIN = 3.6V
VIN = 4.2V
0
500
1000
1500
50
55
60
65
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VIN = 4.2V
VIN = 3.6V
50
55
60
65
70
75
80
85
90
95
100
0
500
1000
1500
LOAD CURRENT (mA)
EFFICIENCY @ 2.7V
EFFICIENCY @ 3.6V
EFFICIENCY @ 4.2V
0
5
10
15
20
25
30
2.7
3.4
4.1
4.8
5.5
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
8
2.7
3.4
4.1
4.8
5.5
INPUT VOLTAGE (V)


Similar Part No. - ISL9107IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9107IRZ-T INTERSIL-ISL9107IRZ-T Datasheet
338Kb / 12P
   1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL9107IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9107 INTERSIL-ISL9107 Datasheet
338Kb / 12P
   1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8009A INTERSIL-ISL8009A Datasheet
701Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com